データシートサーチシステム |
|
SB360 データシート(PDF) 2 Page - Leshan Radio Company |
|
SB360 データシート(HTML) 2 Page - Leshan Radio Company |
2 / 7 page 2. Characteristic Curves ( TA = 25°C unless otherwise noted ) SB320 thru SB3100 Fig. 1 – Forward Current Derating Curve Fig. 2 – Maximum Non-repetitive Peak Forward Surge Current Fig 4. – Typical Reverse Characteristics Fig 3. – Typical Instantaneous Forward Characteristics Fig 6. – Typical Junction Capacitance 0 25 50 75 100 125 150 175 1 10 100 0.2 0.4 0.6 0.8 1.0 1.2 0 20 40 60 80 100 0.1 1 10 100 1000 100 10 10 1.0 0.1 0.01 0.001 10 1.0 0.1 0.01 100 3.0 1.5 0 80 40 0 TJ = TJ max 8.3ms Single Half Sine-wave (JEDEC Method) TJ = 25°C Pulse width = 300µs 1% Duty Cycle TJ = 25°C f = 1.0 MHz Vsig = 50mVp-p Ambient Temperature, °C Number of Cycles at 60Hz Instantaneous Forward Voltage (V) Percent of Rated Peak Reverse Voltage (%) Reverse Voltage (V) Tj=125℃ Tj=75℃ Tj=25℃ Fig 5. –typical transient thermal impedance 10 1.0 0.1 100 0.01 0.1 1.0 10 100 t,Pulse duration,sec Single phase half wave 60HZ Resistive or Inductive Load 0.375" (9.5mm) lead length |
同様の部品番号 - SB360 |
|
同様の説明 - SB360 |