データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS420-700T データシート(PDF) 3 Page - STMicroelectronics

部品番号 TS420-700T
部品情報  Sensitive gate 4 A SCRs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS420-700T データシート(HTML) 3 Page - STMicroelectronics

  TS420-700T Datasheet HTML 1Page - STMicroelectronics TS420-700T Datasheet HTML 2Page - STMicroelectronics TS420-700T Datasheet HTML 3Page - STMicroelectronics TS420-700T Datasheet HTML 4Page - STMicroelectronics TS420-700T Datasheet HTML 5Page - STMicroelectronics TS420-700T Datasheet HTML 6Page - STMicroelectronics TS420-700T Datasheet HTML 7Page - STMicroelectronics TS420-700T Datasheet HTML 8Page - STMicroelectronics TS420-700T Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
TS420
Characteristics
Doc ID 5203 Rev 4
3/11
Table 4.
Electrical characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Test conditions
Value
Unit
IGT
VD = 12 V, RL = 33 Ω
MAX.
200
µA
VGT
MAX.
0.8
V
VGD
VD = VDRM, RL = 33 kΩ, RGK = 220 Ω
Tj = 125 °C
MIN.
0.1
V
VRG
IRG = 10 µA
MIN.
8
V
IH
IT = 50 mA, RGK = 1 kΩ
MAX.
5
mA
IL
IG = 1 mA, RGK = 1 kΩ
MAX.
6
mA
dV/dt
VD = 67 % VDRM, RGK = 220 Ω
Tj = 125 °C
MIN.
5
V/µs
VTM
ITM = 8 A, tp = 380 µs
Tj = 25 °C
MAX.
1.6
V
Vt0
Threshold voltage
Tj = 125 °C
MAX.
0.85
V
Rd
Dynamic resistance
Tj = 125 °C
MAX.
90
m
Ω
IDRM
IRRM
VDRM = VRRM, RGK = 220 Ω
Tj = 25 °C
MAX.
5µA
Tj = 125 °C
1
mA
Table 5.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case (DC)
3.0
°C/W
Rth(j-a)
Junction to ambient (DC)
S(1) = 0.5 cm²
1.
Copper under surface tab
DPAK
70
°C/W
IPAK
100
TO-220AB
60


同様の部品番号 - TS420-700T

メーカー部品番号データシート部品情報
logo
Kersemi Electronic Co.,...
TS420-700T KERSEMI-TS420-700T Datasheet
469Kb / 8P
   4A SCRs
logo
STMicroelectronics
TS420-700T-TR STMICROELECTRONICS-TS420-700T-TR Datasheet
139Kb / 8P
   4A SCRs
More results

同様の説明 - TS420-700T

メーカー部品番号データシート部品情報
logo
STMicroelectronics
X006 STMICROELECTRONICS-X006 Datasheet
108Kb / 9P
   0.8 A sensitive gate SCRs
logo
Nell Semiconductor Co.,...
1PT NELLSEMI-1PT_18 Datasheet
1Mb / 5P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX011 JIEJIE-JX011 Datasheet
314Kb / 4P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
2PT NELLSEMI-2PT Datasheet
761Kb / 6P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX014 JIEJIE-JX014 Datasheet
321Kb / 4P
   Sensitive gate SCRs
JX020 JIEJIE-JX020 Datasheet
305Kb / 5P
   Sensitive gate SCRs
JX075 JIEJIE-JX075 Datasheet
427Kb / 6P
   Sensitive gate SCRs
logo
Nell Semiconductor Co.,...
4PT NELLSEMI-4PT_18 Datasheet
758Kb / 7P
   Sensitive gate SCRs
logo
JIEJIE MICROELECTRONICS...
JX080 JIEJIE-JX080 Datasheet
319Kb / 5P
   Sensitive gate SCRs
logo
STMicroelectronics
XL0840 STMICROELECTRONICS-XL0840 Datasheet
52Kb / 5P
   SENSITIVE GATE 0.8A SCRs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com