データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-6620-F001S データシート(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-6620-F001S
部品情報  Subminiature LED Lamps
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-6620-F001S データシート(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-6620-F001S Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-6620-F001S Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-6620-F001S Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-6620-F001S Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-6620-F001S Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-6620-F001S Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-6620-F001S Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-6620-F001S Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-6620-F001S Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Device Selection Guide
Part Number: HLMP-xxxx
DH AS
High
High
Device
Standard
AlGaAs
Efficiency
Perf.
Emerald
Outline
Red
Red
Red
Orange
Yellow
Green
Green
Device Description[1]
Drawing
P005
P105
P205
P405
P305
P505
P605
Untinted, Nondiffused,
A
Flat Top
P102
P202
P402
P302
P502
Untinted, Diffused, Flat Top
A
6000
Q100
6300
Q400
6400
6500
Q600
Tinted, Diffused
B
Q105
6305
Q405
6405
6505
Q605
Untinted, Nondiffused,
B
High Brightness
Q150
7000
7019
7040
Tinted, Diffused, Low Current
B
Q155
Nondiffused, Low Current
B
6600
6700
6800
Tinted, Diffused, Resistor,
B
5 V, 10 mA
6620
6720
6820
Diffused, Resistor, 5 V, 4 mA
B
Ordering Information
HLMX-XXXX-X X X X X
4 x 4 Prod.
Part Number
Min. Iv Bin
Max. Iv Bin
Color Bin
Selection
Packaging
Option


同様の部品番号 - HLMP-6620-F001S

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HLMP-6620-F0000 HP-HLMP-6620-F0000 Datasheet
152Kb / 16P
   Subminiature LED Lamps
HLMP-6620-F00XX HP-HLMP-6620-F00XX Datasheet
152Kb / 16P
   Subminiature LED Lamps
More results

同様の説明 - HLMP-6620-F001S

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-Q105-P0031 AVAGO-HLMP-Q105-P0031 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-6400-F0011 AVAGO-HLMP-6400-F0011 Datasheet
240Kb / 16P
   Subminiature LED Lamps
HLMP-7019 AVAGO-HLMP-7019 Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Broadcom Corporation.
HLMP-PXXX BOARDCOM-HLMP-PXXX Datasheet
706Kb / 16P
   Subminiature LED Lamps
July 13, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-6820-F0010 AVAGO-HLMP-6820-F0010 Datasheet
240Kb / 16P
   Subminiature LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-6000-E00XX HP-HLMP-6000-E00XX Datasheet
152Kb / 16P
   Subminiature LED Lamps
HLMA-PH00 HP-HLMA-PH00 Datasheet
125Kb / 7P
   Subminiature High Performance AlInGaP LED Lamps
HLMA-PF00 HP-HLMA-PF00 Datasheet
152Kb / 11P
   Subminiature High Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-P106 BOARDCOM-HLMP-P106 Datasheet
668Kb / 11P
   Subminiature High-Performance Red LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMT-QL00 AVAGO-HLMT-QL00 Datasheet
77Kb / 9P
   Subminiature High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com