データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HLMP-EL25-TWR00 データシート(PDF) 8 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HLMP-EL25-TWR00
部品情報  Precision Optical Performance AlInGaP II LED Lamps
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EL25-TWR00 データシート(HTML) 8 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-EL25-TWR00 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-TWR00 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-TWR00 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-TWR00 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-TWR00 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-TWR00 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-TWR00 Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-TWR00 Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HLMP-EL25-TWR00 Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
Figure 6. Representative Spatial Radiation Pattern for 23° Viewing Angle Lamps.
Figure 3. Relative Luminous Intensity vs. Forward
Current.
Figure 4. Maximum Forward Current vs. Ambient Tem-
perature. Derating Based on TJMAX = 130°C.
Figure 5. Representative Spatial Radiation Pattern for 15° Viewing Angle Lamps.
Figure 2b. Forward Current vs. Forward Voltage.
1.0
0
VF – FORWARD VOLTAGE – V
2.5
100
40
30
1.5
2.0
60
3.0
10
20
50
RED
70
80
90
AMBER
0
0
FORWARD CURRENT – mA
40
2.0
1.5
1.0
0.5
20
50
2.5
10
30
AMBER
RED & RED-ORANGE
0
0
TA – AMBIENT TEMPERATURE – C
40
80
50
45
35
25
15
5
55
40
30
20
10
20
60
100
120
1.0
0.8
0.6
0.4
0.2
-100
-50
0
50
100
0
ANGULAR DISPLACEMENT – DEGREES
1.0
0.8
0.6
0.4
0.2
-100
-50
0
50
100
0
ANGULAR DISPLACEMENT – DEGREES


同様の部品番号 - HLMP-EL25-TWR00

メーカー部品番号データシート部品情報
logo
Broadcom Corporation.
HLMP-EL25-TWR00 BOARDCOM-HLMP-EL25-TWR00 Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
More results

同様の説明 - HLMP-EL25-TWR00

メーカー部品番号データシート部品情報
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX Datasheet
280Kb / 13P
   Precision Optical Performance AlInGaP II LED Lamps
logo
Agilent(Hewlett-Packard...
HLMP-EL24 HP-HLMP-EL24 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-EL32-PQ0DD AVAGO-HLMP-EL32-PQ0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com