データシートサーチシステム |
|
DM74ALS27M データシート(PDF) 1 Page - Fairchild Semiconductor |
|
DM74ALS27M データシート(HTML) 1 Page - Fairchild Semiconductor |
1 / 4 page © 2000 Fairchild Semiconductor Corporation DS006187 www.fairchildsemi.com September 1986 Revised February 2000 DM74ALS27 Triple 3-Input NOR Gate General Description This device contains three independent gates, each of which performs the logic NOR function. Features s Switching specifications at 50 pF s Switching specifications guaranteed over full tempera- ture and VCC range s Advanced oxide-isolated, ion-implanted Schottky TTL process s Functionally and pin for pin compatible with Schottky and low power Schottky TTL counterpart s Improved AC performance over Schottky and low power Schottky counterparts Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Connection Diagram Function Table H = HIGH Logic Level L = LOW Logic Level X = Either LOW or HIGH Logic Level Order Number Package Number Package Description DM74ALS27M M14A 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow DM74ALS27N N14A 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Y = A + B + C Inputs Output ABC Y HX X L XH X L XX H L LLL H |
同様の部品番号 - DM74ALS27M |
|
同様の説明 - DM74ALS27M |