データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM74ALS258N データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 DM74ALS258N
部品情報  3-STATE Quad 1-of-2-Line Data Selector/Multiplexer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74ALS258N データシート(HTML) 3 Page - Fairchild Semiconductor

  DM74ALS258N Datasheet HTML 1Page - Fairchild Semiconductor DM74ALS258N Datasheet HTML 2Page - Fairchild Semiconductor DM74ALS258N Datasheet HTML 3Page - Fairchild Semiconductor DM74ALS258N Datasheet HTML 4Page - Fairchild Semiconductor DM74ALS258N Datasheet HTML 5Page - Fairchild Semiconductor DM74ALS258N Datasheet HTML 6Page - Fairchild Semiconductor DM74ALS258N Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Supply Voltage
7V
Input Voltage
7V
Voltage Applied to Disabled Output
5.5V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
73.0
°C/W
M Package
102.0
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−2.6
mA
IOL
LOW Level Output Current
24
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = 4.5V
IOH = −2.6 mA
2.4
3.3
V
Output Voltage
IOH = −0.4 mA
VCC − 2V
VOL
LOW Level
VCC = 4.5V
IOL = 12 mA
0.25
0.4
V
Output Voltage
IOL = 24 mA
0.35
0.5
V
II
Input Current at Maximum
VCC = 5.5V, VIH = 7V
0.1
mA
Input Voltage
IIH
HIGH Level Input Current
VCC = 5.5V, VIH = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = 5.5V, VIL = 0.4V
−0.1
mA
IO
Output Drive Current
VCC = 5.5V, VO = 2.25V
−30
−112
mA
IOZH
OFF-State Output Current
VCC = 5.5V,
20
µA
HIGH Level Voltage Applied
VO = 2.7V
IOZL
OFF-State Output Current,
VCC = 5.5V,
−20
µA
LOW Level Voltage Applied
VO = 0.4V
ICCH
Supply
DM74ALS257 VCC = 5.5V
Outputs HIGH
3
6
mA
Current
DM74ALS258 Outputs OPEN
2.5
4
mA
ICCL
Supply
DM74ALS257
Outputs LOW
8
12
mA
Current
DM74ALS258
7
11
mA
ICCZ
Supply
DM74ALS257
Outputs Disabled
9
14
mA
Current
DM74ALS258
8
13
mA


同様の部品番号 - DM74ALS258N

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74ALS251 FAIRCHILD-DM74ALS251 Datasheet
76Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
DM74ALS251 FAIRCHILD-DM74ALS251 Datasheet
80Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
DM74ALS251M FAIRCHILD-DM74ALS251M Datasheet
80Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
DM74ALS251N FAIRCHILD-DM74ALS251N Datasheet
80Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
DM74ALS251SJ FAIRCHILD-DM74ALS251SJ Datasheet
80Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
More results

同様の説明 - DM74ALS258N

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74S257 FAIRCHILD-DM74S257 Datasheet
47Kb / 5P
   3-STATE Quad 1-of-2 Data Selector/Multiplexer
DM74S157 FAIRCHILD-DM74S157 Datasheet
53Kb / 5P
   Quad 1 of 2 Line Data Selector/Multiplexer
DM74ALS157 FAIRCHILD-DM74ALS157 Datasheet
67Kb / 6P
   Quad 1-of-2 Line Data Selector/Multiplexer
DM74AS157 FAIRCHILD-DM74AS157 Datasheet
72Kb / 7P
   Quad 1 of 2 Line Data Selector/Multiplexer
DM74AS257 FAIRCHILD-DM74AS257 Datasheet
60Kb / 6P
   3-STATE Quad 1 of 2 Line Data Selector/Multiplexers
DM74AS257 FAIRCHILD-DM74AS257_07 Datasheet
291Kb / 8P
   3-STATE Quad 1 of 2 Line Data Selector/Multiplexers
DM74ALS251 FAIRCHILD-DM74ALS251 Datasheet
76Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
DM74LS251 FAIRCHILD-DM74LS251 Datasheet
58Kb / 6P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
DM74ALS251N FAIRCHILD-DM74ALS251N Datasheet
80Kb / 7P
   3-STATE 1-of-8 Line Data Selector/Multiplexer
logo
NXP Semiconductors
74F723A PHILIPS-74F723A Datasheet
104Kb / 14P
   Quad 2-to-1 data selector multiplexer 3-State
1990 Dec 13
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com