データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM3524C データシート(PDF) 2 Page - Analog Power

部品番号 AM3524C
部品情報  N & P-Channel 20-V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANALOGPOWER [Analog Power]
ホームページ  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM3524C データシート(HTML) 2 Page - Analog Power

  AM3524C Datasheet HTML 1Page - Analog Power AM3524C Datasheet HTML 2Page - Analog Power AM3524C Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
AM3524C
PRELIMINARY
Publication Order Number:
DS-AM3524_A
Analog Power
Analog Power (APL) reserves the right to make changes without further notice to any products herein. APL makes no warranty, representation
or guarantee regarding the suitability of its products for any particular purpose, nor does APL assume any liability arising out of the application or
use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental
damages. “Typical” parameters which may be provided in APL data sheets and/or specifications can and do vary in different applications and
actual performance may vary over time. All operating parameters, including “Typicals” must be validated for each customer application by
customer’s technical experts. APL does not convey any license under its patent rights nor the rights of others. APL products are not designed,
intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications intended to support or
sustain life, or for any other application in which the failure of the APL product could create a situation where personal injury or death may occur.
Should Buyer purchase or use APL products for any such unintended or unauthorized application, Buyer shall indemnify and hold APL and its
officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney
fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such
claim alleges that APL was negligent regarding the design or manufacture of the part. APL is an Equal Opportunity/Affirmative Action Employer.
Notes
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing.
Ch Min
Typ Max
VGS = VDS, ID = 250 uA
N
0.4
VGS = VDS, ID = -250 uA
P
-0.4
VDS = 0 V, VGS = 8 V
N
100
V
DS = 0 V, VGS = -8 V
P
-100
VDS = 16 V, VGS = 0 V
N
1
VDS = -16 V, VGS = 0 V
P
-1
V
DS = 16 V, VGS = 0 V, T J = 55
o
C
N10
V
DS = -16 V, VGS = 0 V, T J = 55
o
C
P-10
V
DS = 5 V, VGS = 4.5 V
N5
V
DS = -5 V, VGS = -4.5 V
P-5
VGS = 4.5 V, ID = 4.1 A
N
0.047
VGS = -4.5 V, ID = -3.2 A
P
0.079
VGS = 2.5 V, ID = 3.8 A
N
0.055
VGS = -2.5 V, ID = -2.7 A
P
0.110
V
DS = 5 V, ID = 4.1 A
N
10
V
DS = -5 V, ID = -3.2 A
P
5
I
S = 1.05 A, VGS = 0 V
N
0.80
I
S = -1.05 A, VGS = 0 V
P
-0.83
N7.5
P3.8
N0.6
P0.6
N1.0
P1.5
N5
P5
N12
P15
N13
P20
N7
P20
Forward TranconductanceA
gfs
S
Gate-Source Charge
Qgs
A
Drain-Source On-ResistanceA
rDS(on)
nS
N-Chaneel
V
DD=15V, VGS=4.5V, ID=1A
,
R
GE N=15Ω,
P-Channel
VDD=-15V, VGS=-4.5V, ID=-1A
RGEN=15Ω
Fall-Time
tf
Turn-Off Delay Time
td(on)
tr
td(off)
Turn-On Delay Time
Rise Time
Limits
IDSS
Unit
On-State Drain CurrentA
ID(on)
IGSS
uA
uA
Zero Gate Voltage Drain Current
SPECIFICATIONS (TA = 25
oC UNLESS OTHERWISE NOTED)
uA
Static
Test Conditions
V
Symbol
Parameter
Gate-Body Leakage Current
Gate-Threshold Voltage
VGS(th)
S
nC
Gate-Drain Charge
Qgd
Dynamic
b
N-Channel
V
DS=15V, VGS=4.5V, ID=4.1A
P-Channel
VDS=-15V, VGS=-4.5V, ID=-3.2A
Diode Forward VoltageA
VSD
Total Gate Charge
Qg


同様の部品番号 - AM3524C

メーカー部品番号データシート部品情報
logo
Shanghai Lunsure Electr...
AM352 CHENYI-AM352 Datasheet
153Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
logo
Analog Power
AM3520C ANALOGPOWER-AM3520C Datasheet
156Kb / 7P
   N & P-Channel 20-V (D-S) MOSFET
More results

同様の説明 - AM3524C

メーカー部品番号データシート部品情報
logo
Analog Power
AMA520C ANALOGPOWER-AMA520C Datasheet
499Kb / 7P
   N & P-Channel 20-V (D-S) MOSFET
AM4520H ANALOGPOWER-AM4520H Datasheet
499Kb / 7P
   P & N-Channel 20-V (D-S) MOSFET
AM6520C ANALOGPOWER-AM6520C Datasheet
141Kb / 3P
   P & N-Channel 20-V (D-S) MOSFET
AM6544C ANALOGPOWER-AM6544C Datasheet
141Kb / 3P
   P & N-Channel 20-V (D-S) MOSFET
AM4533C ANALOGPOWER-AM4533C Datasheet
87Kb / 3P
   P & N-Channel 20-V (D-S) MOSFET
AM5521C ANALOGPOWER-AM5521C Datasheet
75Kb / 3P
   N & P-Channel 20-V (D-S) MOSFET
AM3520C ANALOGPOWER-AM3520C Datasheet
156Kb / 7P
   N & P-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI3588DV VISHAY-SI3588DV Datasheet
59Kb / 7P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI3586DV VISHAY-SI3586DV Datasheet
362Kb / 4P
   N- and P-Channel 20-V (D-S) MOSFET
Rev. B, 16-May-05
SI1553CDL VISHAY-SI1553CDL Datasheet
262Kb / 16P
   N- and P-Channel 20 V (D-S) MOSFET
Rev. A, 02-May-11
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com