データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM74AS04M データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 DM74AS04M
部品情報  Hex Inverter
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS04M データシート(HTML) 1 Page - Fairchild Semiconductor

  DM74AS04M Datasheet HTML 1Page - Fairchild Semiconductor DM74AS04M Datasheet HTML 2Page - Fairchild Semiconductor DM74AS04M Datasheet HTML 3Page - Fairchild Semiconductor DM74AS04M Datasheet HTML 4Page - Fairchild Semiconductor DM74AS04M Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006273
www.fairchildsemi.com
April 1984
Revised March 2000
DM74AS04
Hex Inverter
General Description
This device contains six independent gates, each of which
performs the logic INVERT function.
Features
s Switching specifications at 50 pF
s Switching specifications guaranteed over full
temperature and VCC range
s Advanced oxide-isolated, ion-implanted Schottky
TTL process
s Functionally and pin for pin compatible with Schottky
and low power Schottky TTL counterpart
s Improved AC performance over Schottky and low power
Schottky counterparts
Ordering Code:
Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code.
Connection Diagram
Function Table
Y
= A
H
= HIGH Logic Level
L
= LOW Logic Level
Order Number
Package Number
Package Description
DM74AS04M
M14A
14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-012, 0.150 Narrow
DM74AS04SJ
M14D
14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
DM74AS04N
N14A
14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Input
Output
AY
LH
HL


同様の部品番号 - DM74AS04M

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74AS00 FAIRCHILD-DM74AS00 Datasheet
46Kb / 4P
   Quad 2-Input NAND Gate
DM74AS00M FAIRCHILD-DM74AS00M Datasheet
46Kb / 4P
   Quad 2-Input NAND Gate
DM74AS00N FAIRCHILD-DM74AS00N Datasheet
46Kb / 4P
   Quad 2-Input NAND Gate
DM74AS08 FAIRCHILD-DM74AS08 Datasheet
46Kb / 4P
   Quad 2-Input AND Gate
DM74AS08M FAIRCHILD-DM74AS08M Datasheet
46Kb / 4P
   Quad 2-Input AND Gate
More results

同様の説明 - DM74AS04M

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74LVC04A PHILIPS-74LVC04A Datasheet
87Kb / 10P
   Hex inverter
1997 Jun 30
logo
Texas Instruments
74AC11004 TI-74AC11004 Datasheet
75Kb / 5P
[Old version datasheet]   HEX INVERTER
REVISED APRIL 1996
logo
Fairchild Semiconductor
74AC04 FAIRCHILD-74AC04 Datasheet
104Kb / 8P
   Hex Inverter
74VHCT04A FAIRCHILD-74VHCT04A Datasheet
128Kb / 8P
   Hex Inverter
MM74HC04 FAIRCHILD-MM74HC04 Datasheet
77Kb / 6P
   Hex Inverter
MM74HCU04 FAIRCHILD-MM74HCU04 Datasheet
81Kb / 6P
   Hex Inverter
logo
NXP Semiconductors
74HC04 PHILIPS-74HC04 Datasheet
33Kb / 5P
   Hex inverter
2003 Jul 23
logo
STMicroelectronics
HCC4069UB STMICROELECTRONICS-HCC4069UB Datasheet
283Kb / 12P
   HEX INVERTER
logo
Motorola, Inc
74LS04 MOTOROLA-74LS04 Datasheet
34Kb / 2P
   HEX INVERTER
logo
NXP Semiconductors
74ALS04B PHILIPS-74ALS04B Datasheet
100Kb / 8P
   Hex inverter
1991 Feb 08
logo
STMicroelectronics
74AC04 STMICROELECTRONICS-74AC04_01 Datasheet
176Kb / 8P
   HEX INVERTER
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com