データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM74AS1034A データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 DM74AS1034A
部品情報  Hex Non-Inverting Driver
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS1034A データシート(HTML) 2 Page - Fairchild Semiconductor

  DM74AS1034A Datasheet HTML 1Page - Fairchild Semiconductor DM74AS1034A Datasheet HTML 2Page - Fairchild Semiconductor DM74AS1034A Datasheet HTML 3Page - Fairchild Semiconductor DM74AS1034A Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Switching Characteristics
over recommended operating free air temperature range
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Typical
θ
JA
N Package
76.0
°C/W
M Package
106.0
°C/W
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.5
5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−48
mA
IOL
LOW Level Output Current
48
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIK
Input Clamp Voltage
VCC = 4.5V, II = −18 mA
−1.2
V
VOH
HIGH Level
IOH = −2 mA, VCC = 4.5V to 5.5V
VCC − 2V
Output Voltage
IOH = −3 mA, VCC = 4.5V
2.4
3.2
V
IOH = Max, VCC = 4.5V
2
VOL
LOW Level
VCC = 4.5V
0.35
0.5
V
Output Voltage
IOL = Max
II
Input Current @
VCC = 5.5V, VIH = 7V
0.1
mA
Max Input Voltage
IIH
HIGH Level Input Current
VCC = 5.5V, VIH = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = 5.5V, VIL = 0.4V
−0.5
mA
IO
Output Drive Current
VCC = 5.5V, VO = 2.25V
−50
−135
−200
mA
ICC
Supply Current
VCC = 5.5V
Outputs HIGH
9
15
mA
Outputs LOW
21
35
mA
Symbol
Parameter
Conditions
Min
Max
Units
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V
16
ns
LOW-to-HIGH Level Output
RL = 500Ω
tPHL
Propagation Delay Time
CL = 50 pF
16
ns
HIGH-to-LOW Level Output


同様の部品番号 - DM74AS1034A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74AS1032A FAIRCHILD-DM74AS1032A Datasheet
46Kb / 4P
   Quadruple 2-Input OR Driver
DM74AS1032AM FAIRCHILD-DM74AS1032AM Datasheet
46Kb / 4P
   Quadruple 2-Input OR Driver
DM74AS1032AN FAIRCHILD-DM74AS1032AN Datasheet
46Kb / 4P
   Quadruple 2-Input OR Driver
More results

同様の説明 - DM74AS1034A

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74ALS1034 FAIRCHILD-DM74ALS1034 Datasheet
46Kb / 4P
   Hex Non-Inverting Driver
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
CD4049UBC FAIRCHILD-CD4049UBC_02 Datasheet
73Kb / 7P
   Hex Inverting Buffer Hex Non-Inverting Buffer
CD4050BCMX FAIRCHILD-CD4050BCMX Datasheet
74Kb / 7P
   Hex Inverting Buffer ??Hex Non-Inverting Buffer
logo
National Semiconductor ...
CD4049UBM NSC-CD4049UBM Datasheet
129Kb / 6P
   Hex Inverting,Non-Inverting Buffer
logo
Fairchild Semiconductor
DM74AS1004A FAIRCHILD-DM74AS1004A Datasheet
46Kb / 4P
   Hex Inverting Driver
DM74ALS1004 FAIRCHILD-DM74ALS1004 Datasheet
46Kb / 4P
   Hex Inverting Driver
logo
NXP Semiconductors
HEF4050B PHILIPS-HEF4050B Datasheet
31Kb / 4P
   HEX non-inverting buffers
January 1995
logo
Nexperia B.V. All right...
HEF4050B-Q100 NEXPERIA-HEF4050B-Q100 Datasheet
760Kb / 11P
   Hex non-inverting buffers
logo
NXP Semiconductors
HEF4050B NXP-HEF4050B Datasheet
72Kb / 11P
   Hex non-inverting buffers
Rev. 05-11 November 2008
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com