データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BAT46WJ データシート(PDF) 6 Page - NXP Semiconductors

部品番号 BAT46WJ
部品情報  Single Schottky barrier diode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NXP [NXP Semiconductors]
ホームページ  http://www.nxp.com
Logo NXP - NXP Semiconductors

BAT46WJ データシート(HTML) 6 Page - NXP Semiconductors

Back Button BAT46WJ Datasheet HTML 2Page - NXP Semiconductors BAT46WJ Datasheet HTML 3Page - NXP Semiconductors BAT46WJ Datasheet HTML 4Page - NXP Semiconductors BAT46WJ Datasheet HTML 5Page - NXP Semiconductors BAT46WJ Datasheet HTML 6Page - NXP Semiconductors BAT46WJ Datasheet HTML 7Page - NXP Semiconductors BAT46WJ Datasheet HTML 8Page - NXP Semiconductors BAT46WJ Datasheet HTML 9Page - NXP Semiconductors BAT46WJ Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
BAT46WJ
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 2 — 8 November 2011
6 of 12
NXP Semiconductors
BAT46WJ
Single Schottky barrier diode
Tj = 125 C
(1)
 =1
(2)
 =0.9
(3)
 =0.8
(4)
 =0.5
FR4 PCB, standard footprint
Tj = 150 C
(1)
 =1; DC
(2)
 = 0.5; f = 20 kHz
(3)
 = 0.2; f = 20 kHz
(4)
 = 0.1; f = 20 kHz
Fig 6.
Average reverse power dissipation as a
function of reverse voltage; typical values
Fig 7.
Average forward current as a function of
ambient temperature; typical values
FR4 PCB, mounting pad for cathode 1 cm2
Tj = 150 C
(1)
 =1; DC
(2)
 = 0.5; f = 20 kHz
(3)
 = 0.2; f = 20 kHz
(4)
 = 0.1; f = 20 kHz
Tj = 150 C
(1)
 =1; DC
(2)
 = 0.5; f = 20 kHz
(3)
 = 0.2; f = 20 kHz
(4)
 = 0.1; f = 20 kHz
Fig 8.
Average forward current as a function of
ambient temperature; typical values
Fig 9.
Average forward current as a function of
solder point temperature; typical values
VR (V)
0
100
80
40
60
20
006aac390
0.10
0.15
0.05
0.20
0.25
PR(AV)
(W)
0.0
(1)
(2)
(3)
(4)
Tamb (°C)
0
50
100
150
175
125
75
25
006aac391
0.1
0.2
0.3
IF(AV)
(A)
0.0
(1)
(2)
(3)
(4)
Tamb (°C)
0
50
100
150
175
125
75
25
006aac392
0.1
0.2
0.3
IF(AV)
(A)
0.0
(1)
(2)
(3)
(4)
Tsp (°C)
0
50
100
150
175
125
75
25
006aac393
0.1
0.2
0.3
IF(AV)
(A)
0.0
(1)
(2)
(3)
(4)


同様の部品番号 - BAT46WJ

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
logo
Nexperia B.V. All right...
BAT46WJ NEXPERIA-BAT46WJ Datasheet
274Kb / 11P
   Schottky barrier diode
1 October 2022
BAT46WJ-Q NEXPERIA-BAT46WJ-Q Datasheet
260Kb / 13P
   Schottky barrier diode
23 August 2021
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ_15 Datasheet
188Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
More results

同様の説明 - BAT46WJ

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
1PS76SB10_15 PHILIPS-1PS76SB10_15_15 Datasheet
161Kb / 8P
   Schottky barrier single diode
17 December 2012
BAT85.133 NXP-BAT85.133 Datasheet
131Kb / 8P
   Schottky barrier single diode
24 July 2012
logo
Nexperia B.V. All right...
1PS76SB10-Q NEXPERIA-1PS76SB10-Q Datasheet
198Kb / 10P
   Schottky barrier single diode
16 June 2021
logo
NXP Semiconductors
1PS70SB10_15 PHILIPS-1PS70SB10_15_15 Datasheet
166Kb / 9P
   Schottky barrier single diode
17 December 2012
1PS70SB20 PHILIPS-1PS70SB20_15 Datasheet
141Kb / 9P
   Schottky barrier single diode
17 December 2012
logo
Nexperia B.V. All right...
BAT86 NEXPERIA-BAT86 Datasheet
2Mb / 8P
   Schottky barrier single diode
25 July 2012
BAT46WH NEXPERIA-BAT46WH Datasheet
892Kb / 12P
   Single Schottky barrier diode
Rev. 2 - 28 November 2011
BAT54J NEXPERIA-BAT54J Datasheet
204Kb / 8P
   Schottky barrier single diode
1 October 2022
logo
NXP Semiconductors
BAT46WJ PHILIPS-BAT46WJ Datasheet
177Kb / 12P
   Single Schottky barrier diode
Rev. 2-8 November 2011
logo
Nexperia B.V. All right...
BAT54T NEXPERIA-BAT54T Datasheet
223Kb / 10P
   Single Schottky barrier diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com