データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STD13NM60N データシート(PDF) 6 Page - STMicroelectronics

部品番号 STD13NM60N
部品情報  N-channel 600 V, 0.28typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD13NM60N データシート(HTML) 6 Page - STMicroelectronics

Back Button STD13NM60N Datasheet HTML 2Page - STMicroelectronics STD13NM60N Datasheet HTML 3Page - STMicroelectronics STD13NM60N Datasheet HTML 4Page - STMicroelectronics STD13NM60N Datasheet HTML 5Page - STMicroelectronics STD13NM60N Datasheet HTML 6Page - STMicroelectronics STD13NM60N Datasheet HTML 7Page - STMicroelectronics STD13NM60N Datasheet HTML 8Page - STMicroelectronics STD13NM60N Datasheet HTML 9Page - STMicroelectronics STD13NM60N Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Electrical characteristics
STF/I/P/U/W13NM60N
6/21
Doc ID 15420 Rev 5
2.1
Electrical characteristics (curves)
Figure 2.
Safe operating area for I²PAK and
TO-220
Figure 3.
Thermal impedance for I²PAK and
TO-220
Figure 4.
Safe operating area for TO-220FP
Figure 5.
Thermal impedance for TO-220FP
Figure 6.
Safe operating area for TO-247
Figure 7.
Thermal impedance for TO-247
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Sinlge
pulse
AM03258v1
ID
10
1
0.1
0.01
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Single pulse
AM03259v1
ID
10
1
0.1
0.1
1
100
VDS(V)
10
(A)
10µs
100µs
1ms
10ms
Tj=150°C
Tc=25°C
Sinlge
pulse
AM03983v1


同様の部品番号 - STD13NM60N

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STD13NM60N STMICROELECTRONICS-STD13NM60N Datasheet
1Mb / 24P
   Low gate input resistance
June 2015 Rev 3
logo
Inchange Semiconductor ...
STD13NM60N ISC-STD13NM60N Datasheet
300Kb / 2P
   Isc N-Channel MOSFET Transistor
logo
STMicroelectronics
STD13NM60ND STMICROELECTRONICS-STD13NM60ND Datasheet
1Mb / 21P
   N-channel 600 V, 0.32 typ., 11 A, FDmesh II Power MOSFET (with fast diode) in DPAK
logo
Inchange Semiconductor ...
STD13NM60ND ISC-STD13NM60ND Datasheet
323Kb / 2P
   isc N-Channel Mosfet Transistor
More results

同様の説明 - STD13NM60N

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STF13NM60N STMICROELECTRONICS-STF13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 廓 typ., 11 A MDmesh??II Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247 packages
STP13NM60N STMICROELECTRONICS-STP13NM60N Datasheet
989Kb / 21P
   N-channel 600 V, 0.28 ohm typ., 11 A MDmesh II Power MOSFET in TO-220FP, I2PAK, TO-220, IPAK, TO-247 packages
STD14NM50N STMICROELECTRONICS-STD14NM50N Datasheet
1Mb / 26P
   N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
STB14NM50N STMICROELECTRONICS-STB14NM50N Datasheet
1Mb / 26P
   N-channel 500 V, 0.28 廓 typ., 12 A MDmesh??II Power MOSFET in D짼PAK, DPAK, TO-220FP, I짼PAK and TO-220 packages
STF13NM60N-H STMICROELECTRONICS-STF13NM60N-H Datasheet
791Kb / 13P
   N-channel 600 V, 0.28 廓, 11 A MDmesh??II Power MOSFET in TO-220FP
STW16N65M5 STMICROELECTRONICS-STW16N65M5 Datasheet
1Mb / 20P
   N-channel 650 V, 0.230 廓, 12 A MDmesh??V Power MOSFET in TO-220FP, I짼PAK, TO-220, IPAK, TO-247
STP16N60M2 STMICROELECTRONICS-STP16N60M2 Datasheet
453Kb / 16P
   N-channel 600 V, 0.28 廓 typ., 12 A MDmesh??M2 Power MOSFET in TO-220 and IPAK packages
March 2015 Rev 1
STI18NM60N STMICROELECTRONICS-STI18NM60N Datasheet
998Kb / 18P
   N-channel 600 V, 0.27 廓, 13 A MDmesh??II Power MOSFET in TO-220, TO-220FP, TO-247, D짼PAK and I짼PAK
STP13N60M2 STMICROELECTRONICS-STP13N60M2 Datasheet
1Mb / 18P
   N-channel 600 V, 0.35 廓 typ., 11 A MDmesh II Plus??low Qg Power MOSFETs in TO-220, IPAK and TO-247 packages
February 2014 Rev 5
STP26NM60N STMICROELECTRONICS-STP26NM60N Datasheet
1Mb / 24P
   N-channel 600 V, 0.135 廓 typ., 20 A MDmesh??II Power MOSFET in D2PAK, I2PAK, TO-220, TO-220FP and TO-247 packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com