データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM74AS873 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 DM74AS873
部品情報  Dual 4-Bit D-Type Transparent Latches
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74AS873 データシート(HTML) 4 Page - Fairchild Semiconductor

  DM74AS873 Datasheet HTML 1Page - Fairchild Semiconductor DM74AS873 Datasheet HTML 2Page - Fairchild Semiconductor DM74AS873 Datasheet HTML 3Page - Fairchild Semiconductor DM74AS873 Datasheet HTML 4Page - Fairchild Semiconductor DM74AS873 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.fairchildsemi.com
4
Switching Characteristics
over recommended operating free air temperature range. All typical values are measured at VCC = 5V, TA = 25°C.
Symbol
Parameter
Conditions
From
To
Min
Max
Units
tPLH
Propagation Delay Time
VCC = 4.5V to 5.5V
Data
Any Q
3
6.5
ns
LOW-to-HIGH Level Output
RL = 500Ω
tPHL
Propagation Delay Time
CL = 50 pF
Data
Any Q
3
6
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Enable
Any Q
6
11.5
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Enable
Any Q
4
7.5
ns
HIGH-to-LOW Level Output
tPZH
Output Enable Time
Output Control
Any Q
2
6.5
ns
to HIGH Level Output
tPZL
Output Enable Time
Output Control
Any Q
4
9.5
ns
to LOW Level Output
tPHZ
Output Disable Time
Output Control
Any Q
2
6.5
ns
from HIGH Level Output
tPLZ
Output Disable Time
Output Control
Any Q
2
7.5
ns
from LOW Level Output
tPHL
Propagation Delay Time
Clear
Any Q
3
8.5
ns
HIGH-to-LOW Level Output


同様の部品番号 - DM74AS873

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74AS873 FAIRCHILD-DM74AS873 Datasheet
50Kb / 5P
   Dual 4-Bit D-Type Transparent Latches with 3-STATE Outputs
More results

同様の説明 - DM74AS873

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74AS873 FAIRCHILD-DM74AS873 Datasheet
50Kb / 5P
   Dual 4-Bit D-Type Transparent Latches with 3-STATE Outputs
logo
Maxwell Technologies
54LVTH16373 MAXWELL-54LVTH16373 Datasheet
207Kb / 10P
   3.3V ABT16-Bit Transparent D-Type Latches
54LVTH162373 MAXWELL-54LVTH162373 Datasheet
205Kb / 10P
   3.3V 16-Bit Transparent D-Type Latches
logo
Texas Instruments
SN54ALS373A TI1-SN54ALS373A_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
SN54F373 TI1-SN54F373_16 Datasheet
1Mb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
CD54HC573 TI1-CD54HC573_16 Datasheet
901Kb / 15P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
SN54HC373 TI-SN54HC373_08 Datasheet
724Kb / 19P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
logo
Unisonic Technologies
U74LVC573 UTC-U74LVC573_15 Datasheet
241Kb / 5P
   OCTAL TRANSPARENT D-TYPE LATCHES
U74LVC373 UTC-U74LVC373_15 Datasheet
226Kb / 5P
   OCTAL TRANSPARENT D-TYPE LATCHES
logo
Texas Instruments
CD54HCT373 TI1-CD54HCT373_16 Datasheet
1Mb / 20P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com