データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TL16C550CFNR データシート(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
部品番号 TL16C550CFNR
部品情報  ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C550CFNR データシート(HTML) 8 Page - Texas Instruments

Back Button TL16C550CFNR Datasheet HTML 4Page - Texas Instruments TL16C550CFNR Datasheet HTML 5Page - Texas Instruments TL16C550CFNR Datasheet HTML 6Page - Texas Instruments TL16C550CFNR Datasheet HTML 7Page - Texas Instruments TL16C550CFNR Datasheet HTML 8Page - Texas Instruments TL16C550CFNR Datasheet HTML 9Page - Texas Instruments TL16C550CFNR Datasheet HTML 10Page - Texas Instruments TL16C550CFNR Datasheet HTML 11Page - Texas Instruments TL16C550CFNR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
TL16C550C, TL16C550CI
ASYNCHRONOUS COMMUNICATIONS ELEMENT
WITH AUTOFLOW CONTROL
SLLS177H − MARCH 1994 − REVISED JANUARY 2006
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage range, VCC (see Note 1)
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range at any input, VI
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
−0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA, TL16C550C
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TL16C550CI
−40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Case temperature for 10 seconds, TC: FN package
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: Nor PT package
260
°C
. . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
The N package is Not Recommended for New Designs.
NOTE 1: All voltage values are with respect to VSS.
recommended operating conditions
low voltage (3.3 V nominal)
MIN
NOM
MAX
UNIT
Supply voltage, VCC
3
3.3
3.6
V
Input voltage, VI
0
VCC
V
High-level input voltage, VIH (see Note 2)
0.7 VCC
V
Low-level input voltage, VIL (see Note 2)
0.3 VCC
V
Output voltage, VO (see Note 3)
0
VCC
V
High-level output current, IOH (all outputs)
1.8
mA
Low-level output current, IOL (all outputs)
3.2
mA
Input capacitance
1
pF
Operating free-air temperature, TA
0
25
70
°C
Junction temperature range, TJ (see Note 4)
0
25
115
°C
Oscillator/clock speed
14.9
MHz
NOTES:
2. Meets TTL levels, VIHmin = 2 V and VILmax = 0.8 V on nonhysteresis inputs
3. Applies for external output buffers
4. These junction temperatures reflect simulated conditions. Absolute maximum junction temperature is 150
°C. The customer is
responsible for verifying junction temperature.
standard voltage (5 V nominal)
MIN
NOM
MAX
UNIT
Supply voltage, VCC
4.75
5
5.25
V
Input voltage, VI
0
VCC
V
High-level input voltage, VIH
Except XIN
2
V
High-level input voltage, VIH
XIN
0.7 VCC
V
Low-level input voltage, VIL
Except XIN
0.8
V
Low-level input voltage, VIL
XIN
0.3 VCC
V
Output voltage, VO (see Note 5)
0
VCC
V
High-level output current, IOH (all outputs)
4
mA
Low-level output current, IOL (all outputs)
4
mA
Input capacitance
1
pF
Operating free-air temperature, TA
0
25
70
°C
NOTE 5: Applies for external output buffers


同様の部品番号 - TL16C550CFNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16C550C TI-TL16C550C Datasheet
554Kb / 39P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550CI TI-TL16C550CI Datasheet
554Kb / 39P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
More results

同様の説明 - TL16C550CFNR

メーカー部品番号データシート部品情報
logo
Texas Instruments
TL16C550C TI-TL16C550C Datasheet
554Kb / 39P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550D TI-TL16C550D Datasheet
826Kb / 50P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C550D TI-TL16C550D_09 Datasheet
1Mb / 54P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH AUTOFLOW CONTROL
TL16C750 TI-TL16C750 Datasheet
511Kb / 35P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH 64-BYTE FIFOs AND AUTOFLOW CONTROL
TL16PNP550A TI1-TL16PNP550A_08 Datasheet
558Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
TL16PNP550A TI-TL16PNP550A Datasheet
553Kb / 40P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT WITH PLUG-AND-PLAY (PnP) AND AUTOFLOW CONTROL
TL16C450 TI-TL16C450 Datasheet
350Kb / 25P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554 TI-TL16C554 Datasheet
478Kb / 33P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
TL16C554A TI-TL16C554A Datasheet
605Kb / 10P
[Old version datasheet]   ASYNCHRONOUS-COMMUNICATIONS ELEMENT
TL16C550A TI-TL16C550A Datasheet
434Kb / 31P
[Old version datasheet]   ASYNCHRONOUS COMMUNICATIONS ELEMENT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com