データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM74LS04 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 DM74LS04
部品情報  Hex Inverting Gates
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS04 データシート(HTML) 2 Page - Fairchild Semiconductor

  DM74LS04 Datasheet HTML 1Page - Fairchild Semiconductor DM74LS04 Datasheet HTML 2Page - Fairchild Semiconductor DM74LS04 Datasheet HTML 3Page - Fairchild Semiconductor DM74LS04 Datasheet HTML 4Page - Fairchild Semiconductor DM74LS04 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
www.fairchildsemi.com
2
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Note 3: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Switching Characteristics
at VCC = 5V and TA = 25°C
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max,
2.7
3.4
V
Output Voltage
VIL = Max
VOL
LOW Level
VCC = Min, IOL = Max,
0.35
0.5
Output Voltage
VIH = Min
V
IOL = 4 mA, VCC = Min
0.25
0.4
II
Input Current @ Max
VCC = Max, VI = 7V
0.1
mA
Input Voltage
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
20
µA
IIL
LOW Level Input Current
VCC = Max, VI = 0.4V
−0.36
mA
IOS
Short Circuit Output Current
VCC = Max (Note 3)
−20
−100
mA
ICCH
Supply Current with Outputs HIGH
VCC = Max
1.2
2.4
mA
ICCL
Supply Current with Outputs LOW
VCC = Max
3.6
6.6
mA
RL = 2 kΩ
Symbol
Parameter
CL = 15 pF
CL = 50 pF
Units
Min
Max
Min
Max
tPLH
Propagation Delay Time
310415
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
310415
ns
HIGH-to-LOW Level Output


同様の部品番号 - DM74LS04

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
DM74LS04 NSC-DM74LS04 Datasheet
120Kb / 6P
   Hex Inverting Gates
DM74LS04E NSC-DM74LS04E Datasheet
120Kb / 6P
   Hex Inverting Gates
DM74LS04J NSC-DM74LS04J Datasheet
120Kb / 6P
   Hex Inverting Gates
DM74LS04M NSC-DM74LS04M Datasheet
120Kb / 6P
   Hex Inverting Gates
DM74LS04N NSC-DM74LS04N Datasheet
120Kb / 6P
   Hex Inverting Gates
More results

同様の説明 - DM74LS04

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54LS04 NSC-54LS04 Datasheet
120Kb / 6P
   Hex Inverting Gates
logo
Fairchild Semiconductor
DM7404 FAIRCHILD-DM7404 Datasheet
45Kb / 4P
   Hex Inverting Gates
DM74S04 FAIRCHILD-DM74S04 Datasheet
45Kb / 4P
   Hex Inverting Gates
logo
National Semiconductor ...
DM54S04 NSC-DM54S04 Datasheet
52Kb / 2P
   HEX INVERTING GATES
5404 NSC-5404 Datasheet
107Kb / 6P
   Hex Inverting Gates
logo
Fairchild Semiconductor
CD4049UBC FAIRCHILD-CD4049UBC Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
CD4049UBC FAIRCHILD-CD4049UBC_02 Datasheet
73Kb / 7P
   Hex Inverting Buffer Hex Non-Inverting Buffer
CD4050BCMX FAIRCHILD-CD4050BCMX Datasheet
74Kb / 7P
   Hex Inverting Buffer ??Hex Non-Inverting Buffer
logo
National Semiconductor ...
CD4049UBM NSC-CD4049UBM Datasheet
129Kb / 6P
   Hex Inverting,Non-Inverting Buffer
logo
Texas Instruments
SN54AS1004A TI-SN54AS1004A Datasheet
496Kb / 14P
[Old version datasheet]   HEX INVERTING DRIVERS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com