データシートサーチシステム |
|
DM74LS04SJ データシート(PDF) 1 Page - Fairchild Semiconductor |
|
DM74LS04SJ データシート(HTML) 1 Page - Fairchild Semiconductor |
1 / 5 page © 2000 Fairchild Semiconductor Corporation DS006345 www.fairchildsemi.com August 1986 Revised March 2000 DM74LS04 Hex Inverting Gates General Description This device contains six independent gates each of which performs the logic INVERT function. Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Connection Diagram Function Table Y = A H = HIGH Logic Level L = LOW Logic Level Order Number Package Number Package Description DM74LS04M M14A 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow DM74LS04SJ M14D 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide DM74LS04N N14A 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Input Output AY LH HL |
同様の部品番号 - DM74LS04SJ |
|
同様の説明 - DM74LS04SJ |