データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM74LS175SJ データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 DM74LS175SJ
部品情報  Hex/Quad D-Type Flip-Flops with Clear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS175SJ データシート(HTML) 3 Page - Fairchild Semiconductor

  DM74LS175SJ Datasheet HTML 1Page - Fairchild Semiconductor DM74LS175SJ Datasheet HTML 2Page - Fairchild Semiconductor DM74LS175SJ Datasheet HTML 3Page - Fairchild Semiconductor DM74LS175SJ Datasheet HTML 4Page - Fairchild Semiconductor DM74LS175SJ Datasheet HTML 5Page - Fairchild Semiconductor DM74LS175SJ Datasheet HTML 6Page - Fairchild Semiconductor DM74LS175SJ Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
DM74LS174 Recommended Operating Conditions
Note 2: CL = 15 pF, RL = 2 kΩ, TA = 25°C and VCC = 5V.
Note 3: CL = 50 pF, RL = 2 kΩ, TA = 25°C and VCC = 5V.
Note 4: TA = 25°C and VCC = 5V.
DM74LS174 Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 5: All typicals are at VCC = 5V, TA = 25°C.
Note 6: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 7: With all outputs OPEN and 4.5V applied to all data and clear inputs, ICC is measured after a momentary ground, then 4.5V applied to the clock.
Supply Voltage
7V
Input Voltage
7V
Operating Free Air Temperature Range
0
°C to +70°C
Storage Temperature Range
−65°C to +150°C
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
fCLK
Clock Frequency (Note 2)
0
30
MHz
fCLK
Clock Frequency (Note 3)
0
25
MHz
tW
Pulse Width
Clock
20
ns
(Note 4)
Clear
20
tSU
Data Setup Time (Note 4)
20
ns
tH
Data Hold Time (Note 4)
0
ns
tREL
Clear Release Time (Note 4)
25
ns
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 5)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max
2.7
3.4
V
Output Voltage
VIL = Max, VIH = Min
VOL
LOW Level
VCC = Min, IOL = Max
0.35
0.5
Output Voltage
VIL = Max, VIH = Min
V
IOL = 4 mA, VCC = Min
0.25
0.4
II
Input Current @ Max Input Voltage VCC = Max, VI = 7V
0.1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
20
µA
IIL
LOW Level
VCC = Max
Clock
−0.4
Input Current
VI = 0.4V
Clear
−0.4
mA
Data
−0.36
IOS
Short Circuit Output Current
VCC = Max (Note 6)
−20
−100
mA
ICC
Supply Current
VCC = Max (Note 7)
16
26
mA


同様の部品番号 - DM74LS175SJ

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
DM74LS175 NSC-DM74LS175 Datasheet
174Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Texas Instruments
DM74LS175 TI1-DM74LS175 Datasheet
424Kb / 10P
[Old version datasheet]   These positive-edge-triggered flip-flops utilize TTL circuitry to implement D-type flip-flop logic
logo
National Semiconductor ...
DM74LS175M NSC-DM74LS175M Datasheet
174Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Texas Instruments
DM74LS175M TI1-DM74LS175M Datasheet
424Kb / 10P
[Old version datasheet]   These positive-edge-triggered flip-flops utilize TTL circuitry to implement D-type flip-flop logic
logo
National Semiconductor ...
DM74LS175N NSC-DM74LS175N Datasheet
174Kb / 8P
   Hex/Quad D Flip-Flops with Clear
More results

同様の説明 - DM74LS175SJ

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74ALS174 FAIRCHILD-DM74ALS174_07 Datasheet
331Kb / 9P
   Hex/Quad D-Type Flip-Flops with Clear
DM74ALS174 FAIRCHILD-DM74ALS174 Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
logo
National Semiconductor ...
54LS174 NSC-54LS174 Datasheet
174Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Fairchild Semiconductor
DM74175 FAIRCHILD-DM74175 Datasheet
308Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
National Semiconductor ...
54174 NSC-54174 Datasheet
150Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Texas Instruments
SN54LV174A TI-SN54LV174A Datasheet
146Kb / 7P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74HC174 HITACHI-HD74HC174 Datasheet
51Kb / 9P
   Hex D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54AHC174 TI-SN54AHC174_07 Datasheet
584Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHCT174 TI1-SN54AHCT174_15 Datasheet
775Kb / 17P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC174 FAIRCHILD-MM74HC174 Datasheet
72Kb / 7P
   Hex D-Type Flip-Flops with Clear
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com