データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74191 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 74191
部品情報  Synchronous 4-Bit Up/Down Counter with Mode Control
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74191 データシート(HTML) 4 Page - Fairchild Semiconductor

  74191 Datasheet HTML 1Page - Fairchild Semiconductor 74191 Datasheet HTML 2Page - Fairchild Semiconductor 74191 Datasheet HTML 3Page - Fairchild Semiconductor 74191 Datasheet HTML 4Page - Fairchild Semiconductor 74191 Datasheet HTML 5Page - Fairchild Semiconductor 74191 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Absolute Maximum Ratings(Note 1)
Note 1: The “Absolute Maximum Ratings” are those values beyond which
the safety of the device cannot be guaranteed. The device should not be
operated at these limits. The parametric values defined in the Electrical
Characteristics tables are not guaranteed at the absolute maximum ratings.
The “Recommended Operating Conditions” table will define the conditions
for actual device operation.
Recommended Operating Conditions
Note 2: TA = 25°C and VCC = 5V.
DC Electrical Characteristics
Note 3: All typicals are at VCC = 5V, TA = 25°C.
Note 4: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 5: ICC is measured with all inputs grounded and all outputs open.
Storage Temperature Range
−65°C to +150°C
Input Voltage
7V
Operating Free Air Temp. Range
0
°C to +70°C
Supply Voltage
7V
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
fCLK
Clock Frequency (Note 2)
0
20
MHz
tW
Pulse Width
Clock
25
ns
(Note 2)
Load
35
tSU
Data Setup Time (Note 2)
20
ns
tH
Data Hold Time (Note 2)
0
ns
tEN
Enable Time to Clock (Note 2)
30
ns
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 3)
VI
Input Clamp Voltage
VCC = Min, II = − 18 mA
−1.5
V
VOH
HIGH Level Output
VCC = Min, IOH = Max
Mil
2.5
3.4
Voltage
VIL = Max, VIH = Min
Com
2.7
3.4
V
VOL
LOW Level Output
VCC = Min, IOL = Max
0.25
0.4
Voltage
VIL = Max, VIH = Min
0.35
0.5
V
IOL = 4 mA, VCC = Min
0.25
0.4
II
Input Current @ Max
VCC = Max
Enable
0.3
mA
Input Voltage
VI = 7V
Others
0.1
IIH
HIGH Level Input
VCC = Max
Enable
60
µA
Current
VI = 2.7V
Others
20
IIL
LOW Level Input
VCC = Max
Enable
−1.08
mA
Current
VI = 0.4V
Others
−0.4
IOS
Short Circuit
VCC = Max
Mil
−20
−100
mA
Output Current
(Note 4)
Com
−20
−100
ICC
Supply Current
VCC = Max (Note 5)
20
35
mA


同様の部品番号 - 74191

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
74191 NSC-74191 Datasheet
129Kb / 6P
   Synchronous Up/Down 4-Bit Binary Counter with Mode Control
logo
Myrra
74191 MYRRA-74191 Datasheet
128Kb / 1P
   DIMMER CHOKES FOR EMI SUPPRESSION
logo
Molex Electronics Ltd.
74191-0002 MOLEX-74191-0002 Datasheet
240Kb / 2P
   High Speed Edgecard Connector in Ground Signal Format for High Performance Applications
74191-0003 MOLEX-74191-0003 Datasheet
240Kb / 2P
   High Speed Edgecard Connector in Ground Signal Format for High Performance Applications
74191-0004 MOLEX-74191-0004 Datasheet
240Kb / 2P
   High Speed Edgecard Connector in Ground Signal Format for High Performance Applications
More results

同様の説明 - 74191

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
54191 NSC-54191 Datasheet
129Kb / 6P
   Synchronous Up/Down 4-Bit Binary Counter with Mode Control
logo
Fairchild Semiconductor
MM74C192 FAIRCHILD-MM74C192 Datasheet
62Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
CD40192BC FAIRCHILD-CD40192BC Datasheet
74Kb / 7P
   Synchronous 4-Bit Up/Down Decade Counter . Synchronous 4-Bit Up/Down Binary Counter
logo
Renesas Technology Corp
HD74HC668 RENESAS-HD74HC668 Datasheet
222Kb / 11P
   Synchronous UP/Down Decade Counter, Synchronous Up/Down 4-bit binary Counter
logo
ON Semiconductor
SN54-74LS669 ONSEMI-SN54-74LS669 Datasheet
74Kb / 4P
   SYNCHRONOUS 4-BIT UP/DOWN COUNTER
SN74LS669 ONSEMI-SN74LS669 Datasheet
132Kb / 4P
   SYNCHRONOUS 4-BIT UP/DOWN COUNTER
July, 2006 ??Rev. 6
logo
Motorola, Inc
SN54LS669 MOTOROLA-SN54LS669 Datasheet
213Kb / 6P
   SYNCHRONOUS 4-BIT UP/DOWN COUNTER
logo
National Semiconductor ...
DM54LS190 NSC-DM54LS190 Datasheet
174Kb / 8P
   Synchronous 4-Bit Up/Down Counters with Mode Control
logo
Fairchild Semiconductor
DM74LS169A FAIRCHILD-DM74LS169A Datasheet
72Kb / 8P
   Synchronous 4-Bit Up/Down Binary Counter
logo
National Semiconductor ...
MM54C192 NSC-MM54C192 Datasheet
140Kb / 6P
   Synchronous 4-Bit Up/Down Decade Counter
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com