データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM74LS194 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 DM74LS194
部品情報  4-Bit Bidirectional Universal Shift Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS194 データシート(HTML) 4 Page - Fairchild Semiconductor

  DM74LS194 Datasheet HTML 1Page - Fairchild Semiconductor DM74LS194 Datasheet HTML 2Page - Fairchild Semiconductor DM74LS194 Datasheet HTML 3Page - Fairchild Semiconductor DM74LS194 Datasheet HTML 4Page - Fairchild Semiconductor DM74LS194 Datasheet HTML 5Page - Fairchild Semiconductor DM74LS194 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Switching Characteristics
at VCC = 5V and TA = 25°C
Note 8: All typicals are at VCC = 5V, TA = 25°C.
Note 9: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 10: With all outputs open, inputs A through D grounded, and 4.5V applied to S0, S1, CLEAR, and the serial inputs, ICC is tested with momentary
ground, then 4.5V applied to CLOCK.
Timing Diagram
Typical Clear, Load, Right-Shift, Left-Shift, Inhibit, and Clear Sequences
Symbol
Parameter
From (Input)
CL = 50 pF, RL = 2 kΩ
Units
To (Output)
Min
Max
fMAX
Maximum Clock Frequency
20
MHz
tPLH
Propagation Delay Time
Clock to Any Q
26
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Clock to Any Q
35
ns
HIGH-to-LOW Level Output
tPHL
Propagation Delay Time
Clear to Any Q
38
ns
HIGH-to-LOW Output


同様の部品番号 - DM74LS194

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
DM74LS194A NSC-DM74LS194A Datasheet
166Kb / 8P
   4-Bit Bidirectional Universal Shift Register
DM74LS194AM NSC-DM74LS194AM Datasheet
166Kb / 8P
   4-Bit Bidirectional Universal Shift Register
DM74LS194AN NSC-DM74LS194AN Datasheet
166Kb / 8P
   4-Bit Bidirectional Universal Shift Register
More results

同様の説明 - DM74LS194

メーカー部品番号データシート部品情報
logo
Motorola, Inc
MC74AC194 MOTOROLA-MC74AC194 Datasheet
216Kb / 7P
   4-Bit Bidirectional Universal Shift Register
logo
NXP Semiconductors
74HC194 PHILIPS-74HC194 Datasheet
79Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Micro Electronics
MMC40104 MICRO-ELECTRONICS-MMC40104 Datasheet
145Kb / 4P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Texas Instruments
74ACT11194 TI1-74ACT11194 Datasheet
578Kb / 55P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74HC_HCT194_CNV PHILIPS-74HC_HCT194_CNV_15 Datasheet
81Kb / 10P
   4-bit bidirectional universal shift register
December 1990
logo
Texas Instruments
74AC11194 TI-74AC11194 Datasheet
128Kb / 8P
[Old version datasheet]   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
NXP Semiconductors
74F194 PHILIPS-74F194 Datasheet
89Kb / 10P
   4-bit bidirectional universal shift register
1989 Apr 04
logo
Motorola, Inc
SN54LS194A MOTOROLA-SN54LS194A Datasheet
215Kb / 6P
   4-BIT BIDIRECTIONAL UNIVERSAL SHIFT REGISTER
logo
Nexperia B.V. All right...
74HC194 NEXPERIA-74HC194 Datasheet
240Kb / 14P
   4-bit bidirectional universal shift register
Rev. 4 - 16 March 2021
logo
Hitachi Semiconductor
HD14194B HITACHI-HD14194B Datasheet
83Kb / 6P
   4-bit Bidirectional Universal Shift Register
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com