データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM74LS175 データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 DM74LS175
部品情報  Hex/Quad D-Type Flip-Flops with Clear
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS175 データシート(HTML) 5 Page - Fairchild Semiconductor

  DM74LS175 Datasheet HTML 1Page - Fairchild Semiconductor DM74LS175 Datasheet HTML 2Page - Fairchild Semiconductor DM74LS175 Datasheet HTML 3Page - Fairchild Semiconductor DM74LS175 Datasheet HTML 4Page - Fairchild Semiconductor DM74LS175 Datasheet HTML 5Page - Fairchild Semiconductor DM74LS175 Datasheet HTML 6Page - Fairchild Semiconductor DM74LS175 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
www.fairchildsemi.com
DM74LS175 Recommended Operating Conditions
Note 8: CL = 15 pF, RL = 2 kΩ, TA = 25°C and VCC = 5V.
Note 9: CL = 50 pF, RL = 2 kΩ, TA = 25°C and VCC = 5V.
Note 10: TA = 25°C and VCC = 5V.
DM74LS175 Electrical Characteristics
over recommended operating free air temperature range (unless otherwise noted)
Note 11: All typicals are at VCC = 5V, TA = 25°C.
Note 12: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Note 13: With all outputs OPEN and 4.5V applied to all data and clear inputs, ICC is measured after a momentary ground, then 4.5V applied to the clock
input.
DM74LS175 Switching Characteristics
at VCC = 5V and TA = 25°C (See Section 1 for Test Waveforms and Output Load)
Symbol
Parameter
Min
Nom
Max
Units
VCC
Supply Voltage
4.75
5
5.25
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW Level Input Voltage
0.8
V
IOH
HIGH Level Output Current
−0.4
mA
IOL
LOW Level Output Current
8
mA
fCLK
Clock Frequency (Note 8)
0
30
MHz
fCLK
Clock Frequency (Note 9)
0
25
MHz
tW
Pulse Width
Clock
20
ns
(Note 10)
Clear
20
tSU
Data Setup Time (Note 10)
20
ns
tH
Data Hold Time (Note 10)
0
ns
tREL
Clear Release Time (Note 10)
25
ns
TA
Free Air Operating Temperature
0
70
°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 11)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max
2.7
3.4
V
Output Voltage
VIL = Max, VIH = Min
VOL
LOW Level
VCC = Min, IOL = Max
0.35
0.5
Output Voltage
VIL = Max, VIH = Min
V
IOL = 4 mA, VCC = Min
0.25
0.4
II
Input Current @ Max Input Voltage VCC = Max, VI = 7V
0.1
mA
IIH
HIGH Level Input Current
VCC = Max, VI = 2.7V
20
µA
IIL
LOW Level
VCC = Max
Clock
−0.4
Input Current
VI = 0.4V
Clear
−0.4
mA
Data
−0.36
IOS
Short Circuit Output Current
VCC = Max (Note 12)
−20
−100
mA
ICC
Supply Current
VCC = Max (Note 13)
11
18
mA
From (Input)
RL = 2 kΩ
Symbol
Parameter
To (Output)
CL = 15 pF
CL = 50 pF
Units
Min
Max
Min
Max
fMAX
Maximum Clock Frequency
30
25
MHz
tPLH
Propagation Delay Time
Clock to Q or Q
30
32
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Clock to Q or Q
30
36
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
Clear to Q
25
29
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
Clear to Q
35
42
ns
HIGH-to-LOW Level Output


同様の部品番号 - DM74LS175

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
DM74LS175 NSC-DM74LS175 Datasheet
174Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Texas Instruments
DM74LS175 TI1-DM74LS175 Datasheet
424Kb / 10P
[Old version datasheet]   These positive-edge-triggered flip-flops utilize TTL circuitry to implement D-type flip-flop logic
logo
National Semiconductor ...
DM74LS175M NSC-DM74LS175M Datasheet
174Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Texas Instruments
DM74LS175M TI1-DM74LS175M Datasheet
424Kb / 10P
[Old version datasheet]   These positive-edge-triggered flip-flops utilize TTL circuitry to implement D-type flip-flop logic
logo
National Semiconductor ...
DM74LS175N NSC-DM74LS175N Datasheet
174Kb / 8P
   Hex/Quad D Flip-Flops with Clear
More results

同様の説明 - DM74LS175

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74ALS174 FAIRCHILD-DM74ALS174_07 Datasheet
331Kb / 9P
   Hex/Quad D-Type Flip-Flops with Clear
DM74ALS174 FAIRCHILD-DM74ALS174 Datasheet
73Kb / 7P
   Hex/Quad D-Type Flip-Flops with Clear
logo
National Semiconductor ...
54LS174 NSC-54LS174 Datasheet
174Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Fairchild Semiconductor
DM74175 FAIRCHILD-DM74175 Datasheet
308Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
National Semiconductor ...
54174 NSC-54174 Datasheet
150Kb / 8P
   Hex/Quad D Flip-Flops with Clear
logo
Texas Instruments
SN54LV174A TI-SN54LV174A Datasheet
146Kb / 7P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Hitachi Semiconductor
HD74HC174 HITACHI-HD74HC174 Datasheet
51Kb / 9P
   Hex D-type Flip-Flops (with Clear)
logo
Texas Instruments
SN54AHC174 TI-SN54AHC174_07 Datasheet
584Kb / 18P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
SN54AHCT174 TI1-SN54AHCT174_15 Datasheet
775Kb / 17P
[Old version datasheet]   HEX D-TYPE FLIP-FLOPS WITH CLEAR
logo
Fairchild Semiconductor
MM74HC174 FAIRCHILD-MM74HC174 Datasheet
72Kb / 7P
   Hex D-Type Flip-Flops with Clear
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com