データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STB23NM50N データシート(PDF) 7 Page - STMicroelectronics

部品番号 STB23NM50N
部品情報  N-channel 500 V, 0.162 廓, 17 A TO-220, TO-220FP, TO-247, D짼PAK MDmesh??II Power MOSFET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB23NM50N データシート(HTML) 7 Page - STMicroelectronics

Back Button STB23NM50N Datasheet HTML 3Page - STMicroelectronics STB23NM50N Datasheet HTML 4Page - STMicroelectronics STB23NM50N Datasheet HTML 5Page - STMicroelectronics STB23NM50N Datasheet HTML 6Page - STMicroelectronics STB23NM50N Datasheet HTML 7Page - STMicroelectronics STB23NM50N Datasheet HTML 8Page - STMicroelectronics STB23NM50N Datasheet HTML 9Page - STMicroelectronics STB23NM50N Datasheet HTML 10Page - STMicroelectronics STB23NM50N Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
STB23NM50N, STF23NM50N, STP23NM50N, STW23NM50N
Electrical characteristics
Doc ID 16913 Rev 4
7/21
Figure 8.
Output characteristics
Figure 9.
Transfer characteristics
Figure 10.
Normalized BVDSS vs temperature
Figure 11.
Static drain-source on resistance
Figure 12.
Gate charge vs gate-source voltage Figure 13.
Capacitance variations


同様の部品番号 - STB23NM50N

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
STB23NM50N ISC-STB23NM50N Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - STB23NM50N

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STF21N65M5 STMICROELECTRONICS-STF21N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.150 廓, 17 A MDmesh??V Power MOSFET D짼PAK, TO-220FP, TO-220, I짼PAK, TO-247
May 2011 Rev 4
STF32NM50N STMICROELECTRONICS-STF32NM50N Datasheet
1Mb / 21P
   N-channel 500 V, 0.1 廓 typ., 22 A MDmesh??II Power MOSFET in D짼PAK, TO-220FP, TO-220, TO-247 packages
STP32NM50N STMICROELECTRONICS-STP32NM50N Datasheet
1Mb / 21P
   N-channel 500 V, 0.1 廓 typ., 22 A MDmesh??II Power MOSFET in D짼PAK, TO-220FP, TO-220, TO-247 packages
STF18NM80 STMICROELECTRONICS-STF18NM80 Datasheet
1Mb / 21P
   N-channel 800 V, 0.25 廓, 17 A, MDmesh??Power MOSFET in D짼PAK, TO-220FP, TO-220 and TO-247 packages
STF30N65M5 STMICROELECTRONICS-STF30N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.125 廓, 22 A, MDmesh??V Power MOSFET D짼PAK, TO-220FP, I짼PAK, TO-220, TO-247
September 2011 Rev 3
STB16NM50N STMICROELECTRONICS-STB16NM50N Datasheet
554Kb / 18P
   N-channel 500 V - 0.21 廓 - 15 A MDmesh??II Power MOSFET D2PAK - I2PAK - TO-220 - TO-247- TO-220FP
STX25NM50N STMICROELECTRONICS-STX25NM50N Datasheet
616Kb / 18P
   N-channel 500 V, 0.11 廓, 22 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STP30NM50N STMICROELECTRONICS-STP30NM50N Datasheet
628Kb / 18P
   N-channel 500 V, 0.090 廓, 27 A MDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STB13NM50N STMICROELECTRONICS-STB13NM50N_08 Datasheet
573Kb / 18P
   N-channel 500 V - 0.250 廓 - 12 A MDmesh??II Power MOSFET TO-220 - TO-247 - TO-220FP - I2PAK - D2PAK
STI18NM60N STMICROELECTRONICS-STI18NM60N Datasheet
998Kb / 18P
   N-channel 600 V, 0.27 廓, 13 A MDmesh??II Power MOSFET in TO-220, TO-220FP, TO-247, D짼PAK and I짼PAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com