データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

STB23NM50N データシート(PDF) 3 Page - STMicroelectronics

部品番号 STB23NM50N
部品情報  N-channel 500 V, 0.162 廓, 17 A TO-220, TO-220FP, TO-247, D짼PAK MDmesh??II Power MOSFET
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STB23NM50N データシート(HTML) 3 Page - STMicroelectronics

  STB23NM50N Datasheet HTML 1Page - STMicroelectronics STB23NM50N Datasheet HTML 2Page - STMicroelectronics STB23NM50N Datasheet HTML 3Page - STMicroelectronics STB23NM50N Datasheet HTML 4Page - STMicroelectronics STB23NM50N Datasheet HTML 5Page - STMicroelectronics STB23NM50N Datasheet HTML 6Page - STMicroelectronics STB23NM50N Datasheet HTML 7Page - STMicroelectronics STB23NM50N Datasheet HTML 8Page - STMicroelectronics STB23NM50N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
STB23NM50N, STF23NM50N, STP23NM50N, STW23NM50N
Electrical ratings
Doc ID 16913 Rev 4
3/21
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220, D²PAK TO-247 TO-220FP
VDS
Drain-source voltage (VGS = 0)
500
V
VGS
Gate- source voltage
± 25
V
ID
Drain current (continuous) at TC = 25 °C
17
17 (1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuous) at TC = 100 °C
11
11 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
68
68 (1)
A
PTOT
Total dissipation at TC = 25 °C
125
30
W
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t=1 s;TC=25 °C)
2500
V
dv/dt (3)
3.
ISD ≤ 17 A, di/dt ≤ 400 A/µs, VDS peak ≤ V(BR)DSS, VDD = 80% V(BR)DSS
Peak diode recovery voltage slope
15
V/ns
Tstg
Storage temperature
-55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
D²PAK
TO-247
TO-220
TO-220FP
Rthj-case
Thermal resistance junction-case
max
14.17
°C/W
Rthj-pcb
(1)
1.
When mounted on 1inch² FR-4 board, 2 oz Cu
Thermal resistance junction-pcb
minimum footprint
30
°C/W
Rthj-amb
Thermal resistance junction-
ambient max
62.5
50
62.5
°C/W
Tl
Maximum lead temperature for
soldering purpose
300
°C
Table 4.
Avalanche characteristics
Symbol
Parameter
Value
Unit
IAR
Avalanche current, repetitive or not-repetitive
(pulse width limited by Tj Max)
6A
EAS
Single pulse avalanche energy
(starting Tj = 25 °C, ID = IAR, VDD = 50 V)
254
mJ


同様の部品番号 - STB23NM50N

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
STB23NM50N ISC-STB23NM50N Datasheet
313Kb / 2P
   isc N-Channel MOSFET Transistor
More results

同様の説明 - STB23NM50N

メーカー部品番号データシート部品情報
logo
STMicroelectronics
STF21N65M5 STMICROELECTRONICS-STF21N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.150 廓, 17 A MDmesh??V Power MOSFET D짼PAK, TO-220FP, TO-220, I짼PAK, TO-247
May 2011 Rev 4
STF32NM50N STMICROELECTRONICS-STF32NM50N Datasheet
1Mb / 21P
   N-channel 500 V, 0.1 廓 typ., 22 A MDmesh??II Power MOSFET in D짼PAK, TO-220FP, TO-220, TO-247 packages
STP32NM50N STMICROELECTRONICS-STP32NM50N Datasheet
1Mb / 21P
   N-channel 500 V, 0.1 廓 typ., 22 A MDmesh??II Power MOSFET in D짼PAK, TO-220FP, TO-220, TO-247 packages
STF18NM80 STMICROELECTRONICS-STF18NM80 Datasheet
1Mb / 21P
   N-channel 800 V, 0.25 廓, 17 A, MDmesh??Power MOSFET in D짼PAK, TO-220FP, TO-220 and TO-247 packages
STF30N65M5 STMICROELECTRONICS-STF30N65M5 Datasheet
1Mb / 22P
   N-channel 650 V, 0.125 廓, 22 A, MDmesh??V Power MOSFET D짼PAK, TO-220FP, I짼PAK, TO-220, TO-247
September 2011 Rev 3
STB16NM50N STMICROELECTRONICS-STB16NM50N Datasheet
554Kb / 18P
   N-channel 500 V - 0.21 廓 - 15 A MDmesh??II Power MOSFET D2PAK - I2PAK - TO-220 - TO-247- TO-220FP
STX25NM50N STMICROELECTRONICS-STX25NM50N Datasheet
616Kb / 18P
   N-channel 500 V, 0.11 廓, 22 A MDmesh??II Power MOSFET TO-220, TO-220FP, I2PAK, D2PAK, TO-247
STP30NM50N STMICROELECTRONICS-STP30NM50N Datasheet
628Kb / 18P
   N-channel 500 V, 0.090 廓, 27 A MDmesh??II Power MOSFET D2PAK, I2PAK, TO-220FP, TO-220, TO-247
STB13NM50N STMICROELECTRONICS-STB13NM50N_08 Datasheet
573Kb / 18P
   N-channel 500 V - 0.250 廓 - 12 A MDmesh??II Power MOSFET TO-220 - TO-247 - TO-220FP - I2PAK - D2PAK
STI18NM60N STMICROELECTRONICS-STI18NM60N Datasheet
998Kb / 18P
   N-channel 600 V, 0.27 廓, 13 A MDmesh??II Power MOSFET in TO-220, TO-220FP, TO-247, D짼PAK and I짼PAK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com