データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74245 データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 74245
部品情報  3-STATE Octal Bus Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74245 データシート(HTML) 3 Page - Fairchild Semiconductor

  74245 Datasheet HTML 1Page - Fairchild Semiconductor 74245 Datasheet HTML 2Page - Fairchild Semiconductor 74245 Datasheet HTML 3Page - Fairchild Semiconductor 74245 Datasheet HTML 4Page - Fairchild Semiconductor 74245 Datasheet HTML 5Page - Fairchild Semiconductor 74245 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
www.fairchildsemi.com
Switching Characteristics
VCC = 5V, TA = 25°C
Symbol
Parameter
Conditions
Min
Max
Units
tPLH
Propagation Delay Time,
CL = 45 pF
12
ns
LOW-to-HIGH Level Output
RL = 667Ω
tPHL
Propagation Delay Time,
12
ns
HIGH-to-LOW Level Output
tPZL
Output Enable Time
40
ns
to LOW Level
tPZH
Output Enable Time
40
ns
to HIGH Level
tPLZ
Output Disable Time
CL = 5 pF
25
ns
from LOW Level
RL = 667Ω
tPHZ
Output Disable Time
25
ns
from HIGH Level
tPLH
Propagation Delay Time,
CL = 150 pF
16
ns
LOW-to-HIGH Level Output
RL = 667Ω
tPHL
Propagation Delay Time,
17
ns
HIGH-to-LOW Level Output
tPZL
Output Enable Time
45
ns
to LOW Level
tPZH
Output Enable Time
45
ns
to HIGH Level


同様の部品番号 - 74245

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74240 FAIRCHILD-74240 Datasheet
72Kb / 7P
   Octal 3-STATE Buffer/Line Driver/Line Receiver
logo
List of Unclassifed Man...
74241 ETC2-74241 Datasheet
346Kb / 1P
   Dura Torsion Insert and Power Bits
74242 ETC2-74242 Datasheet
346Kb / 1P
   Dura Torsion Insert and Power Bits
74243 ETC2-74243 Datasheet
346Kb / 1P
   Dura Torsion Insert and Power Bits
logo
Fairchild Semiconductor
74244 FAIRCHILD-74244 Datasheet
65Kb / 6P
   Octal 3-STATE Buffer/Line Driver/Line Receiver
More results

同様の説明 - 74245

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74ALS245A FAIRCHILD-DM74ALS245A Datasheet
73Kb / 6P
   Octal 3-STATE Bus Transceiver
logo
STMicroelectronics
74VHCT245A STMICROELECTRONICS-74VHCT245A Datasheet
68Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
74ACT245 STMICROELECTRONICS-74ACT245 Datasheet
70Kb / 9P
   OCTAL BUS TRANSCEIVER 3-STATE
April 2001
logo
NXP Semiconductors
74ALVC245 PHILIPS-74ALVC245_15 Datasheet
100Kb / 14P
   Octal bus transceiver; 3-state
Rev. 02-7 January 2008
logo
Toshiba Semiconductor
TC74HCT245AP TOSHIBA-TC74HCT245AP_07 Datasheet
236Kb / 7P
   Octal Bus Transceiver (3-state)
logo
Integral Corp.
IN74ACT643 INTEGRAL-IN74ACT643 Datasheet
195Kb / 5P
   OCTAL 3-STATE BUS TRANSCEIVER
logo
NXP Semiconductors
74LVC245A NXP-74LVC245A Datasheet
122Kb / 17P
   Octal bus transceiver; 3-state
Rev. 05-25 August 2009
logo
Nexperia B.V. All right...
74LVC245A-Q100 NEXPERIA-74LVC245A-Q100 Datasheet
263Kb / 15P
   Octal bus transceiver; 3-state
Rev. 4 - 5 August 2020
74VHCT245 NEXPERIA-74VHCT245 Datasheet
607Kb / 16P
   Octal bus transceiver; 3-state
Rev. 01 - 25 August 2009
74LVC245A NEXPERIA-74LVC245A Datasheet
289Kb / 16P
   Octal bus transceiver; 3-state
Rev. 12 - 16 September 2021
74ALVC245 NEXPERIA-74ALVC245 Datasheet
252Kb / 14P
   Octal bus transceiver; 3-state
Rev. 3 - 30 April 2021
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com