データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM4543C データシート(PDF) 1 Page - Analog Power

部品番号 AM4543C
部品情報  N & P-Channel 40-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANALOGPOWER [Analog Power]
ホームページ  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4543C データシート(HTML) 1 Page - Analog Power

  AM4543C Datasheet HTML 1Page - Analog Power AM4543C Datasheet HTML 2Page - Analog Power AM4543C Datasheet HTML 3Page - Analog Power AM4543C Datasheet HTML 4Page - Analog Power AM4543C Datasheet HTML 5Page - Analog Power AM4543C Datasheet HTML 6Page - Analog Power AM4543C Datasheet HTML 7Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Analog Power
AM4543C
N & P-Channel 40-V (D-S) MOSFET
VDS (V)
ID (A)
5.8
4.8
-6.9
-6.0
Symbol
Nch Limit Pch Limit
Units
VDS
40
-40
VGS
±20
±20
TA=25°C
5.8
-6.9
TA=70°C
4.5
-5.4
IDM
30
-30
IS
2.6
-2.7
A
TA=25°C
2.1
2.1
TA=70°C
1.3
1.3
TJ, Tstg
°C
Symbol
Maximum
Units
62.5
110
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Maximum Junction-to-Ambient
a
30 @ VGS = -10V
40 @ VGS = -4.5V
PRODUCT SUMMARY
rDS(on) (mΩ)
40
42 @ VGS = 10V
60 @ VGS = 4.5V
-40
Parameter
Drain-Source Voltage
Gate-Source Voltage
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
t <= 10 sec
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
Operating Junction and Storage Temperature Range
Steady State
RθJA
A
W
°C/W
Parameter
THERMAL RESISTANCE RATINGS
Continuous Drain Current
a
ID
Power Dissipation
a
PD
-55 to 150
V
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
© Preliminary
1
Publication Order Number:
DS_AM4543C_1A


同様の部品番号 - AM4543C

メーカー部品番号データシート部品情報
logo
ON Semiconductor
AM4543C ONSEMI-AM4543C Datasheet
122Kb / 6P
   Single 2-Input OR Gate
February, 2013 ??Rev. 19
logo
VBsemi Electronics Co.,...
AM4543C-T1-PF VBSEMI-AM4543C-T1-PF Datasheet
1Mb / 14P
   N- and P-Channel 60-V (D-S) MOSFET
More results

同様の説明 - AM4543C

メーカー部品番号データシート部品情報
logo
Analog Power
AM4541CE ANALOGPOWER-AM4541CE Datasheet
565Kb / 7P
   N & P-Channel 40-V (D-S) MOSFET
AM7542C ANALOGPOWER-AM7542C Datasheet
487Kb / 7P
   N & P-Channel 40-V (D-S) MOSFET
AMD540CE ANALOGPOWER-AMD540CE Datasheet
372Kb / 7P
   P & N-Channel 40-V (D-S) MOSFET
AM4540C ANALOGPOWER-AM4540C Datasheet
168Kb / 3P
   P & N-Channel 40-V (D-S) MOSFET
AM4542C ANALOGPOWER-AM4542C Datasheet
265Kb / 7P
   P & N-Channel 40-V (D-S) MOSFET
logo
Bruckewell Technology L...
MS4541C BWTECH-MS4541C Datasheet
964Kb / 9P
   N P-Channel 40-V (D-S) MOSFET
MSA4P21 BWTECH-MSA4P21 Datasheet
587Kb / 6P
   N P-Channel 40-V (D-S) MOSFET
logo
Analog Power
AM4545C ANALOGPOWER-AM4545C Datasheet
545Kb / 7P
   N & P-Channel 40-V (D-S) MOSFET
AM3548C ANALOGPOWER-AM3548C Datasheet
184Kb / 3P
   N & P-Channel 40-V (D-S) MOSFET
AM4544C ANALOGPOWER-AM4544C Datasheet
407Kb / 7P
   N & P-Channel 40-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com