データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM74LS299N データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 DM74LS299N
部品情報  8-Input Universal Shift/Storage Register with
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS299N データシート(HTML) 4 Page - Fairchild Semiconductor

  DM74LS299N Datasheet HTML 1Page - Fairchild Semiconductor DM74LS299N Datasheet HTML 2Page - Fairchild Semiconductor DM74LS299N Datasheet HTML 3Page - Fairchild Semiconductor DM74LS299N Datasheet HTML 4Page - Fairchild Semiconductor DM74LS299N Datasheet HTML 5Page - Fairchild Semiconductor DM74LS299N Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Electrical Characteristics
Over recommended operating free air temperature range (unless otherwise noted)
Note 2: All typicals are at VCC = 5V, TA = 25°C.
Note 3: Not more than one output should be shorted at a time, and the duration should not exceed one second.
Switching Characteristics
VCC = +5.0V, TA = +25°C
Symbol
Parameter
Conditions
Min
Typ
Max
Units
(Note 2)
VI
Input Clamp Voltage
VCC = Min, II = −18 mA
−1.5
V
VOH
HIGH Level
VCC = Min, IOH = Max
Q0, Q7
2.7
3.4
V
Output Voltage
VIL = Max
I/O0–I/O7
2.4
VOL
LOW Level
VCC = Min, IOL = Max
0.35
0.5
Output Voltage
VIH = Min
V
IOL = 4 mA, VCC = Min
0.25
0.4
II
Input Current @ Max
VCC = Max
Inputs
0.1
mA
Input Voltage
VI = 7V
Sn
0.2
mA
IIH
HIGH Level
VCC = Max, VI = 2.7V
Sn
40
µA
Input Current
Inputs
20
µA
IIL
LOW Level
VCC = Max, VI = 0.4V
Sn
−0.8
mA
Input Current
Inputs
−0.4
mA
IOS
Short Circuit
VCC = Max
Q0, Q7
−20
−100
mA
Output Current
(Note 3)
I/O0–I/O7
−30
−130
ICC
Supply Current
VCC = Max, OE = 4.5V
60
mA
IOZH
3-STATE Output Off
VCC = Max
40
µA
Current HIGH
VO = 2.7V
IOZL
3-STATE Output Off
VCC = Max
−400
µA
Current Low
VO = 0.4V
Symbol
Parameter
RL = 2 kΩ
Units
CL = 15 pF
Min
Max
fMAX
Maximum Input Frequency
35
MHz
tPLH
Propagation Delay
26
ns
tPHL
CP to Q0 or Q7
28
tPLH
Propagation Delay
25
ns
tPHL
CP to I/On
35
tPHL
Propagation Delay
28
ns
MR to Q0 or Q7
tPHL
Propagation Delay
35
ns
MR to I/On
tPZH
Output Enable Time
18
ns
tPZL
25
tPHZ
Output Disable Time
15
ns
tPLZ
20


同様の部品番号 - DM74LS299N

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
DM74LS299N NSC-DM74LS299N Datasheet
167Kb / 8P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
More results

同様の説明 - DM74LS299N

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
74AC299 FAIRCHILD-74AC299 Datasheet
114Kb / 11P
   8-Input Universal Shift/Storage Register
logo
Texas Instruments
CD74AC323E TI-CD74AC323E Datasheet
991Kb / 17P
[Old version datasheet]   8-Input Universal Shift Storage Register with Common Parallel
logo
NXP Semiconductors
74F597 PHILIPS-74F597 Datasheet
97Kb / 12P
   8-bit shift register with input storage registers
1991 Sep 13
logo
Motorola, Inc
MC74F299 MOTOROLA-MC74F299 Datasheet
172Kb / 5P
   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
ON Semiconductor
MC74ACT299 ONSEMI-MC74ACT299 Datasheet
117Kb / 12P
   8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
April, 2003 ??Rev. 6
logo
Texas Instruments
CD54-74AC299 TI-CD54-74AC299 Datasheet
281Kb / 13P
[Old version datasheet]   8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74AC299MTCX FAIRCHILD-74AC299MTCX Datasheet
495Kb / 14P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
logo
National Semiconductor ...
DM54LS299 NSC-DM54LS299 Datasheet
167Kb / 8P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
54AC299 NSC-54AC299 Datasheet
221Kb / 10P
   8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
logo
NXP Semiconductors
74F299 PHILIPS-74F299 Datasheet
120Kb / 14P
   8-bit universal shift/storage register 3-State
1990 Mar 01
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com