データシートサーチシステム |
|
DM74LS32N データシート(PDF) 1 Page - Fairchild Semiconductor |
|
DM74LS32N データシート(HTML) 1 Page - Fairchild Semiconductor |
1 / 5 page © 2000 Fairchild Semiconductor Corporation DS006361 www.fairchildsemi.com June 1986 Revised March 2000 DM74LS32 Quad 2-Input OR Gate General Description This device contains four independent gates each of which performs the logic OR function. Ordering Code: Devices also available in Tape and Reel. Specify by appending the suffix letter “X” to the ordering code. Connection Diagram Function Table Y = A + B H = HIGH Logic Level L = LOW Logic Level Order Number Package Number Package Description DM74LS32M M14A 14-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-120, 0.150 Narrow DM74LS32SJ M14D 14-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide DM74LS32N N14A 14-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide Inputs Output AB Y LLL LH H HL H HHH |
同様の部品番号 - DM74LS32N |
|
同様の説明 - DM74LS32N |