データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM4964NT データシート(PDF) 1 Page - Analog Power

部品番号 AM4964NT
部品情報  N-Channel 60-V (D-S) MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANALOGPOWER [Analog Power]
ホームページ  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4964NT データシート(HTML) 1 Page - Analog Power

  AM4964NT Datasheet HTML 1Page - Analog Power AM4964NT Datasheet HTML 2Page - Analog Power AM4964NT Datasheet HTML 3Page - Analog Power AM4964NT Datasheet HTML 4Page - Analog Power AM4964NT Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM4964NT
N-Channel 60-V (D-S) MOSFET
VDS (V)
ID (A)
5.3
4.9
Symbol
Limit
Units
VDS
60
VGS
±20
TA=25°C
5.3
TA=70°C
4.2
IDM
20
IS
3.1
A
TA=25°C
2.1
TA=70°C
1.3
TJ, Tstg
-55 to 150
°C
Symbol
Maximum
Units
62.5
110
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Power Dissipation
a
t <= 10 sec
Steady State
RθJA
ID
A
PD
W
Gate-Source Voltage
PRODUCT SUMMARY
60
rDS(on) (mΩ)
50 @ VGS = 10V
60 @ VGS = 4.5V
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Maximum Junction-to-Ambient
a
Continuous Drain Current
a
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
© Preliminary
1
Publication Order Number:
DS_AM4964NT_1A


同様の部品番号 - AM4964NT

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AM4964 DIODES-AM4964 Datasheet
1Mb / 21P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4964GG DIODES-AM4964GG Datasheet
1Mb / 21P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4964GTR-G1 DIODES-AM4964GTR-G1 Datasheet
1Mb / 21P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
More results

同様の説明 - AM4964NT

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com