データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM74LS390N データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 DM74LS390N
部品情報  Dual 4-Bit Decade Counter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74LS390N データシート(HTML) 4 Page - Fairchild Semiconductor

  DM74LS390N Datasheet HTML 1Page - Fairchild Semiconductor DM74LS390N Datasheet HTML 2Page - Fairchild Semiconductor DM74LS390N Datasheet HTML 3Page - Fairchild Semiconductor DM74LS390N Datasheet HTML 4Page - Fairchild Semiconductor DM74LS390N Datasheet HTML 5Page - Fairchild Semiconductor DM74LS390N Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.fairchildsemi.com
4
Switching Characteristics
at VCC = 5V and TA = 25°C
RL = 2 kΩ
Symbol
Parameter
From (Input)
CL = 15 pF
CL = 50 pF
Units
To (Output)
Min
Max
Min
Max
fMAX
Maximum Clock
A to QA
25
20
MHz
Frequency
B to QB
20
15
tPLH
Propagation Delay Time
A to QA
20
24
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
A to QA
20
30
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
A to QC
60
81
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
A to QC
60
81
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
B to QB
21
27
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
B to QB
21
33
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
B to QC
39
51
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
B to QC
39
54
ns
HIGH-to-LOW Level Output
tPLH
Propagation Delay Time
B to QD
21
27
ns
LOW-to-HIGH Level Output
tPHL
Propagation Delay Time
B to QD
21
33
ns
HIGH-to-LOW Level Output
tPHL
Propagation Delay Time
Clear to Any Q
39
45
ns
HIGH-to-LOW Level Output


同様の部品番号 - DM74LS390N

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74LS393 FAIRCHILD-DM74LS393 Datasheet
56Kb / 6P
   Dual 4-Bit Binary Counter
DM74LS393M FAIRCHILD-DM74LS393M Datasheet
56Kb / 6P
   Dual 4-Bit Binary Counter
logo
National Semiconductor ...
DM74LS395 NSC-DM74LS395 Datasheet
106Kb / 6P
   4-Bit Shift Register with TRI-STATE Outputs
DM74LS395 NSC-DM74LS395 Datasheet
98Kb / 3P
   4-BIT SHIFT REGISTER WITH TRI-STATE OUTPUTS
DM74LS395N NSC-DM74LS395N Datasheet
106Kb / 6P
   4-Bit Shift Register with TRI-STATE Outputs
More results

同様の説明 - DM74LS390N

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
4518B FAIRCHILD-4518B Datasheet
167Kb / 3P
   DUAL 4-BIT DECADE COUNTER
MM74C90 FAIRCHILD-MM74C90_02 Datasheet
67Kb / 7P
   4-Bit Decade Counter ??4-Bit Binary Counter
logo
Motorola, Inc
SN54LS290 MOTOROLA-SN54LS290 Datasheet
205Kb / 7P
   DECADE COUNTER; 4-BIT BINARY COUNTER
logo
STMicroelectronics
M54HC4518 STMICROELECTRONICS-M54HC4518 Datasheet
270Kb / 13P
   HC4518 DUAL DECADE COUNTER HC4520 DUAL 4 BIT BINARY COUNTER
logo
ON Semiconductor
SN54-74LS290 ONSEMI-SN54-74LS290 Datasheet
74Kb / 5P
   DECADE COUNTER; 4-BIT BINARY COUNTER
logo
National Semiconductor ...
MM54C90 NSC-MM54C90 Datasheet
124Kb / 6P
   4-Bit Decade, Binary Counter
logo
Texas Instruments
74ACT11160 TI1-74ACT11160 Datasheet
127Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE COUNTER
74AC11160 TI1-74AC11160_10 Datasheet
132Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE COUNTER
74AC11160 TI-74AC11160 Datasheet
115Kb / 9P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE COUNTER
74AC11162 TI-74AC11162 Datasheet
126Kb / 10P
[Old version datasheet]   SYNCHRONOUS 4-BIT DECADE COUNTER
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com