データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM4962GH-G1 データシート(PDF) 7 Page - BCD Semiconductor Manufacturing Limited

部品番号 AM4962GH-G1
部品情報  SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BCDSEMI [BCD Semiconductor Manufacturing Limited]
ホームページ  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AM4962GH-G1 データシート(HTML) 7 Page - BCD Semiconductor Manufacturing Limited

Back Button AM4962GH-G1 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AM4962GH-G1 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AM4962GH-G1 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AM4962GH-G1 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AM4962GH-G1 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AM4962GH-G1 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AM4962GH-G1 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited AM4962GH-G1 Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited AM4962GH-G1 Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962
Apr. 2011
Rev. 1. 2
BCD Semiconductor Manufacturing Limited
7
Electrical Characteristics
(VCC=12V, TA=25°C, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
IQ1
VCT=0
10.18
15
18.76
Quiescent Current
IQ2
VCT=5V
5.38
8
10.55
mA
Output Saturation Voltage at High
Side
VSATH
ISOURCE=200mA
1.0
1.17
V
Output Saturation Voltage at Low
Side
VSATL
ISINK=200mA
0.2
0.3
V
CPWM Frequency
fOSC
18
25
32
kHz
CF High Level Voltage
VCFH
VPWM=0
3.2
3.6
3.75
V
CF Low Level Voltage
VCFL
VPWM=5
1.83
1.95
2.15
V
VMIN Voltage
VMIN
3.4
3.7
4.0
V
RADJ Pin Voltage
VADJ
VPWM=0
3.6
3.8
4.4
V
Hall Input Hysteresis
VHYS
±10
±20
mV
Hall Bias Voltage
VHB
IHB=5mA
1.1
1.25
1.4
V
CT High Level Voltage
VCTH
3.55
3.7
3.88
V
CT Low Level Voltage
VCTL
1.55
1.7
1.85
V
CT Charge Current
ICHG
1.5
2
2.85
µA
CT Discharge Current
IDHG
0.14
0.2
0.285
µA
CT Charge and Discharge Ratio
RCD
ICHG/IDHG
8.5
10
14.5
FG Output Low Level Voltage
VFGL
IFG=5mA
0.2
0.3
V
FG Leakage Current
ILFG
VFG=12V
30
µA
RD Output Low Level Voltage
VRDL
IRD=5mA
0.2
0.3
V
RD Leakage Current
ILRD
VRD=12V
30
µA


同様の部品番号 - AM4962GH-G1

メーカー部品番号データシート部品情報
logo
BCD Semiconductor Manuf...
AM4962GH-G1 BCDSEMI-AM4962GH-G1 Datasheet
126Kb / 3P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Diodes Incorporated
AM4962GH-G1 DIODES-AM4962GH-G1 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
More results

同様の説明 - AM4962GH-G1

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
AM4964 DIODES-AM4964 Datasheet
1Mb / 21P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4962 DIODES-AM4962 Datasheet
380Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM9468 DIODES-AM9468 Datasheet
1Mb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
May 2016
AM4963 DIODES-AM4963 Datasheet
561Kb / 16P
   Single Phase Full Wave Direct PWM Motor Driver
logo
BCD Semiconductor Manuf...
AM4961 BCDSEMI-AM4961 Datasheet
198Kb / 16P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
Diodes Incorporated
AM4961 DIODES-AM4961 Datasheet
695Kb / 14P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
logo
BCD Semiconductor Manuf...
AM4962 BCDSEMI-AM4962 Datasheet
126Kb / 3P
   SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
AM4963 BCDSEMI-AM4963 Datasheet
53Kb / 2P
   Single Phase Full Wave Direct PWM Motor Driver
logo
Eutech Microelectronics...
EUM6898R EUTECH-EUM6898R Datasheet
81Kb / 1P
   Single-Phase Full-Wave Motor Driver with Direct PWM Input
logo
Diodes Incorporated
AM9469 DIODES-AM9469 Datasheet
977Kb / 16P
   LOW NOISE SINGLE PHASE FULL WAVE DIRECT PWM MOTOR DRIVER
April 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com