データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DM74S153 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 DM74S153
部品情報  Dual 1-of-4 Line Data Selector/Multiplexer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

DM74S153 データシート(HTML) 1 Page - Fairchild Semiconductor

  DM74S153 Datasheet HTML 1Page - Fairchild Semiconductor DM74S153 Datasheet HTML 2Page - Fairchild Semiconductor DM74S153 Datasheet HTML 3Page - Fairchild Semiconductor DM74S153 Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2000 Fairchild Semiconductor Corporation
DS006469
www.fairchildsemi.com
August 1986
Revised April 2000
DM74S153
Dual 1-of-4 Line Data Selector/Multiplexer
General Description
Each of these data selectors/multiplexers contains invert-
ers and drivers to supply fully complementary, on-chip,
binary decoding data selection to the AND-OR-invert
gates. Separate strobe inputs are provided for each of the
two four-line sections.
Features
s Permits multiplexing from N lines to 1 line
s Performs parallel-to-serial conversion
s Strobe (enable) line provided for cascading (N lines to
n lines)
s High fan-out, low-impedance, totem-pole outputs
s Typical average propagation delay times
From data
6 ns
From strobe
9.5 ns
From select
12 ns
s Typical power dissipation 225 mW
Ordering Code:
Connection Diagram
Function Table
Select inputs A and B are common to both sections.
H
= HIGH Level
L
= LOW Level
X
= Don’t Care
Order Number
Package Number
Package Description
DM74S153N
N16E
16-Lead Plastic Dual-In-Line Package (PDIP), JEDEC MS-001, 0.300 Wide
Select
Data Inputs
Strobe
Output
Inputs
B
A
C0
C1
C2
C3
G
Y
X
X
XX
XX
H
L
LL
L
X
X
X
L
L
LL
H
X
X
X
L
H
LH
X
L
X
X
L
L
LH
X
H
X
X
L
H
HL
X
X
L
X
L
L
HL
X
X
H
X
L
H
HH
X
X
X
L
L
L
HH
X
X
X
H
L
H


同様の部品番号 - DM74S153

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74S151 FAIRCHILD-DM74S151 Datasheet
46Kb / 5P
   1-of-8 Data Selector/Multiplexer with Complementary Outputs
DM74S151N FAIRCHILD-DM74S151N Datasheet
46Kb / 5P
   1-of-8 Data Selector/Multiplexer with Complementary Outputs
DM74S157 FAIRCHILD-DM74S157 Datasheet
53Kb / 5P
   Quad 1 of 2 Line Data Selector/Multiplexer
logo
National Semiconductor ...
DM74S157 NSC-DM74S157 Datasheet
128Kb / 5P
   QUAD 1 OF 2 LINE DATA SELECTORS/MULTIPLEXERS
logo
Fairchild Semiconductor
DM74S157N FAIRCHILD-DM74S157N Datasheet
53Kb / 5P
   Quad 1 of 2 Line Data Selector/Multiplexer
More results

同様の説明 - DM74S153

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
DM74ALS153SJX FAIRCHILD-DM74ALS153SJX Datasheet
72Kb / 6P
   Dual 1-of-4 Line Data Selector/Multiplexer
DM74ALS153 FAIRCHILD-DM74ALS153 Datasheet
66Kb / 6P
   Dual 1-of-4 Line Data Selector/Multiplexer
logo
Texas Instruments
74AC11153 TI1-74AC11153 Datasheet
105Kb / 8P
[Old version datasheet]   DUAL 1-OF-4 DATA SELECTOR/MULTIPLEXER
74ACT11153 TI1-74ACT11153 Datasheet
85Kb / 5P
[Old version datasheet]   DUAL 1 OF 4 DATA SELECTOR/MULTIPLEXER
logo
Fairchild Semiconductor
DM74S253 FAIRCHILD-DM74S253 Datasheet
49Kb / 4P
   Dual 3-STATE 1-of-4 Line Data Selector/Multiplexer
DM74ALS253 FAIRCHILD-DM74ALS253 Datasheet
54Kb / 5P
   3-STATE Dual 1-of-4 Line Data Selector/Multiplexer
logo
Texas Instruments
74AC11352 TI1-74AC11352 Datasheet
103Kb / 6P
[Old version datasheet]   DUAL 4-LINE TO 1-LINE DATA SELECTOR/MULTIPLEXER
logo
Renesas Technology Corp
HD74HC152 RENESAS-HD74HC152 Datasheet
174Kb / 6P
   1-of-8-line Data Selector/Multiplexer
logo
Fairchild Semiconductor
DM74ALS151 FAIRCHILD-DM74ALS151 Datasheet
56Kb / 6P
   1 of 8 Line Data Selector/Multiplexer
DM74LS151 FAIRCHILD-DM74LS151 Datasheet
70Kb / 7P
   1-of-8 Line Data Selector/Multiplexer
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com