データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM40P02-20D データシート(PDF) 1 Page - Analog Power

部品番号 AM40P02-20D
部品情報  P-Channel 20-V (D-S) MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ANALOGPOWER [Analog Power]
ホームページ  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM40P02-20D データシート(HTML) 1 Page - Analog Power

  AM40P02-20D Datasheet HTML 1Page - Analog Power AM40P02-20D Datasheet HTML 2Page - Analog Power AM40P02-20D Datasheet HTML 3Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
AM40P02-20D
Analog Power
September, 2003 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM40P02-20_C
These miniature surface mount MOSFETs utilize
High Cell Density process. Low r
DS(on) assures
minimal power loss and conserves energy, making
this device ideal for use in power management
circuitry. Typical applications are PWMDC-DC
converters, power management in portable and
battery-powered products such as computers,
printers, battery charger, telecommunication power
system, and telephones power system.
VDS (V)
rDS(on) m(Ω)ID (A)
20 @ VGS = -4.5V
41
35 @ VGS = -2.5V
31
PRODUCT SUMMARY
-20
P-Channel 20-V (D-S) MOSFET
•Low r
DS(on) Provides Higher Efficiency and
Extends Battery Life
Miniature TO-252 Surface Mount Package
Saves Board Space
High power and current handling capability
Extended VGS range (±25) for battery pack
applications
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol Maximum Units
VDS
-20
VGS
±12
Continuous Drain Current
a
TA=25
oC ID
41
IDM
±40
IS
-30
A
Power Dissipation
a
TA=25
oC PD
50
W
TJ, Tstg -55 to 175
oC
Operating Junction and Storage Temperature Range
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
A
Parameter
Symbol
Maximum
Units
Maximum Junction-to-Ambient
a
RθJA
50
oC/W
Maximum Junction-to-Case
RθJC
3.0
oC/W
THERMAL RESISTANCE RATINGS


同様の部品番号 - AM40P02-20D

メーカー部品番号データシート部品情報
logo
Analog Power
AM40P03-20D ANALOGPOWER-AM40P03-20D Datasheet
342Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM40P03-20D-T1-PF VBSEMI-AM40P03-20D-T1-PF Datasheet
1,023Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Analog Power
AM40P03-20I ANALOGPOWER-AM40P03-20I Datasheet
356Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
AM40P03-20I-T1-PF VBSEMI-AM40P03-20I-T1-PF Datasheet
960Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Analog Power
AM40P03-34D ANALOGPOWER-AM40P03-34D Datasheet
92Kb / 3P
   P-Channel 30-V (D-S) MOSFET
More results

同様の説明 - AM40P02-20D

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com