データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN1084T データシート(PDF) 11 Page - Fairchild Semiconductor

部品番号 FAN1084T
部品情報  4.5A Adjustable/Fixed Low Dropout Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1084T データシート(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN1084T Datasheet HTML 5Page - Fairchild Semiconductor FAN1084T Datasheet HTML 6Page - Fairchild Semiconductor FAN1084T Datasheet HTML 7Page - Fairchild Semiconductor FAN1084T Datasheet HTML 8Page - Fairchild Semiconductor FAN1084T Datasheet HTML 9Page - Fairchild Semiconductor FAN1084T Datasheet HTML 10Page - Fairchild Semiconductor FAN1084T Datasheet HTML 11Page - Fairchild Semiconductor FAN1084T Datasheet HTML 12Page - Fairchild Semiconductor FAN1084T Datasheet HTML 13Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PRODUCT SPECIFICATION
FAN1084
REV. 1.0.8 11/10/03
11
Mechanical Dimensions (continued)
3-Lead TO-220 Package
A
.140
.190
3.56
4.83
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
b
.015
.040
.38
1.02
.070
1.78
b1
.045
1.14
c1
.014
.022
.36
.56
øP
.139
.161
3.53
4.09
D
.560
.650
14.22
16.51
.380
.420
9.65
10.67
.090
.110
2.29
2.79
E
e
e1
.190
.210
4.83
5.33
.045
1.14
.020
.055
.51
1.40
α
e3
F
H1
.230
.270
5.94
6.87
.080
.115
2.04
2.92
.500
.580
12.70
14.73
J1
L
6.35 BSC
.250 BSC
L1
.100
.135
2.54
3.43
3
°
7
°
3
°
7
°
Q
b1
b
e3
L1
L
H1
Q
E
e
e1
E-PIN
øP
c1
J1
D
F
A
(5X)
α
Notes:
1. Dimension c1 apply for lead finish.


同様の部品番号 - FAN1084T

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FAN1080M6X ONSEMI-FAN1080M6X Datasheet
415Kb / 19P
   Offline Primary-Side-Regulation (PSR) Quasi-Resonant Valley Switch Controller
June, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN1086 FAIRCHILD-FAN1086 Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1086D25X FAIRCHILD-FAN1086D25X Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1086D285X FAIRCHILD-FAN1086D285X Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1086D33X FAIRCHILD-FAN1086D33X Datasheet
45Kb / 9P
   1.5A Adjustable/Fixed Low Dropout Linear Regulator
More results

同様の説明 - FAN1084T

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ1085 UTC-UZ1085_V01 Datasheet
353Kb / 7P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1616 FAIRCHILD-RC1616 Datasheet
327Kb / 8P
   0.5A Adjustable/Fixed Low Dropout Linear Regulator
logo
E-Tech Electronics LTD
UZ1084 ETL-UZ1084 Datasheet
204Kb / 6P
   5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com