データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN1086MX データシート(PDF) 8 Page - Fairchild Semiconductor

部品番号 FAN1086MX
部品情報  1.5A Adjustable/Fixed Low Dropout Linear Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1086MX データシート(HTML) 8 Page - Fairchild Semiconductor

  FAN1086MX Datasheet HTML 1Page - Fairchild Semiconductor FAN1086MX Datasheet HTML 2Page - Fairchild Semiconductor FAN1086MX Datasheet HTML 3Page - Fairchild Semiconductor FAN1086MX Datasheet HTML 4Page - Fairchild Semiconductor FAN1086MX Datasheet HTML 5Page - Fairchild Semiconductor FAN1086MX Datasheet HTML 6Page - Fairchild Semiconductor FAN1086MX Datasheet HTML 7Page - Fairchild Semiconductor FAN1086MX Datasheet HTML 8Page - Fairchild Semiconductor FAN1086MX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
PRODUCT SPECIFICATION
FAN1086
8
REV. 1.0.7 11/10/03
Mechanical Dimensions
3-Lead TO-252 Package
A
.086
.094
2.19
2.39
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
b
.025
.035
0.64
0.89
.045
1.14
b2
.030
0.76
.215
5.46
4
3
4
b3
.205
5.21
c2
.018
.023
0.46
0.58
c
.018
.024
0.46
0.61
D
.210
.245
5.33
6.22
1
1
E
.250
.265
6.35
6.73
.090 BSC
2.29 BSC
.055
.070
1.40
1.78
e
L
.370
.410
9.40
10.41
H
L1
.108 REF
2.74 REF
.035
.080
0.89
2.03
.025
.040
0.64
1.02
L3
L4
E
b3
@PKG/
@HEATSINK
D
L1
L3
L4
A
-C-
H
c2
L
α = 0°–10°
-A-
-B-
E-PIN
b2
b
c
e
Notes:
1.
2.
3.
4.
5.
6.
Dimensions are exclusive of mold flash and metal burrs.
Stand off-height is measured from lead tip with ref. to Datum -B-.
Foot length is measured with ref. to Datum -A- with lead surface.
Thermal pad contour optional within dimensions b3 and L3
Formed leads to be planar with respect to one another at seating
plane -C-.
Dimensions and tolerances per ASME Y14.5M-1994.


同様の部品番号 - FAN1086MX

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FAN1080M6X ONSEMI-FAN1080M6X Datasheet
415Kb / 19P
   Offline Primary-Side-Regulation (PSR) Quasi-Resonant Valley Switch Controller
June, 2019 ??Rev. 2
logo
Fairchild Semiconductor
FAN1084 FAIRCHILD-FAN1084 Datasheet
128Kb / 13P
   4.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1084D FAIRCHILD-FAN1084D Datasheet
128Kb / 13P
   4.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1084D15 FAIRCHILD-FAN1084D15 Datasheet
128Kb / 13P
   4.5A Adjustable/Fixed Low Dropout Linear Regulator
FAN1084D33 FAIRCHILD-FAN1084D33 Datasheet
128Kb / 13P
   4.5A Adjustable/Fixed Low Dropout Linear Regulator
More results

同様の説明 - FAN1086MX

メーカー部品番号データシート部品情報
logo
E-Tech Electronics LTD
UZ1086 ETL-UZ1086 Datasheet
253Kb / 7P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Unisonic Technologies
UZ1086 UTC-UZ1086_09 Datasheet
224Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
UZ1086 UTC-UZ1086_12 Datasheet
239Kb / 6P
   1.5A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
List of Unclassifed Man...
LM1086 ETC1-LM1086 Datasheet
82Kb / 2P
   1.5A LOW DROPOUT VOLTAGE REGULATOR (Adjustable & Fixed)
logo
Fairchild Semiconductor
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
FAN1585A FAIRCHILD-FAN1585A Datasheet
63Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Unisonic Technologies
UZ2085 UTC-UZ2085 Datasheet
286Kb / 8P
   3A ADJUSTABLE/FIXED LOW DROPOUT LINEAR REGULATOR
logo
Fairchild Semiconductor
RC1585M FAIRCHILD-RC1585M Datasheet
87Kb / 12P
   5A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com