データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN1112S データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FAN1112S
部品情報  1A 1.2V Low Dropout Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1112S データシート(HTML) 4 Page - Fairchild Semiconductor

  FAN1112S Datasheet HTML 1Page - Fairchild Semiconductor FAN1112S Datasheet HTML 2Page - Fairchild Semiconductor FAN1112S Datasheet HTML 3Page - Fairchild Semiconductor FAN1112S Datasheet HTML 4Page - Fairchild Semiconductor FAN1112S Datasheet HTML 5Page - Fairchild Semiconductor FAN1112S Datasheet HTML 6Page - Fairchild Semiconductor FAN1112S Datasheet HTML 7Page - Fairchild Semiconductor FAN1112S Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PRODUCT SPECIFICATION
FAN1112
4
REV. 1.0.1 9/27/01
Typical Performance Characteristics
1.5
0.10
0.05
0
-0.05
-0.10
-0.15
-0.20
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
1.225
1.220
1.215
1.210
1.205
1.200
1.195
1.190
1.185
1.180
1.175
0
0
0.6
0.8
0.4
0.2
OUTPUT CURRENT (A)
JUNCTION TEMPERATURE (
°C)
JUNCTION TEMPERATURE (
°C)
100
90
80
70
60
50
40
30
20
10
0
5
4
3
2
1
0
1.0
-75 -50 -25 0
25 50 75 100 125 150 175
-75 -50 -25 0
25 50 75 100 125 150 175
JUNCTION TEMPERATURE (
°C)
-75 -50 -25 0
25 50 75 100 125 150 175
JUNCTION TEMPERATURE (
°C)
-75 -50 -25 0
25 50 75 100 125 150 175
TJ = 125°C
TJ = 0°C
TJ = 25°C
∆I = 1A
2.0
1.75
1.5
1.25
1.0
JUNCTION TEMPERATURE (
°C)
-75 -50 -25 0
25 50 75 100 125 150 175
Figure 2. Dropout Voltage vs. Output Current
Figure 3. Load Regulation vs. Temperature
Figure 4. Reference Voltage vs. Temperature
Figure 5. Minimum Load Current vs. Temperature
Figure 6. GND Pin Current vs. Temperature
Figure 7. Short-Circuit Current vs. Temperature


同様の部品番号 - FAN1112S

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN1112SX FAIRCHILD-FAN1112SX Datasheet
44Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
More results

同様の説明 - FAN1112S

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN1112SX FAIRCHILD-FAN1112SX Datasheet
44Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
FAN1112DX FAIRCHILD-FAN1112DX Datasheet
44Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
logo
Diodes Incorporated
ZLDO1117 DIODES-ZLDO1117_10 Datasheet
215Kb / 12P
   1A LOW DROPOUT POSITIVE REGULATOR 1.2V, 1.5V
Ds32018 Rev. 4 - 2
logo
ZP Semiconductor
CJB1117-1.5 ZPSEMI-CJB1117-1.5 Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
CJB1117-ADJ ZPSEMI-CJB1117-ADJ Datasheet
1Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Global Mixed-mode Techn...
G1117-XX GMT-G1117-XX Datasheet
266Kb / 6P
   1A Low-Dropout Linear Regulator
logo
National Semiconductor ...
LMS8117 NSC-LMS8117 Datasheet
330Kb / 16P
   1A Low-Dropout Linear Regulator
July 2000
logo
BCD Semiconductor Manuf...
AZ1117 BCDSEMI-AZ1117_12 Datasheet
1Mb / 27P
   1A LOW DROPOUT LINEAR REGULATOR
logo
Shenzhen Huazhimei Semi...
HM1084 HMSEMI-HM1084 Datasheet
810Kb / 9P
   1A low dropout linear regulator
logo
TECH PUBLIC Electronics...
AMS1117-5.0 TECHPUBLIC-AMS1117-5.0 Datasheet
2Mb / 8P
   1A LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com