データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BD3574FP データシート(PDF) 5 Page - Rohm

部品番号 BD3574FP
部品情報  High Voltage LDO Regulators
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROHM [Rohm]
ホームページ  http://www.rohm.com
Logo ROHM - Rohm

BD3574FP データシート(HTML) 5 Page - Rohm

  BD3574FP Datasheet HTML 1Page - Rohm BD3574FP Datasheet HTML 2Page - Rohm BD3574FP Datasheet HTML 3Page - Rohm BD3574FP Datasheet HTML 4Page - Rohm BD3574FP Datasheet HTML 5Page - Rohm BD3574FP Datasheet HTML 6Page - Rohm BD3574FP Datasheet HTML 7Page - Rohm BD3574FP Datasheet HTML 8Page - Rohm BD3574FP Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Technical Note
5/9
BD3570FP/HFP, BD3571FP/HFP, BD3572FP/HFP, BD3573FP/HFP
BD3574FP/HFP, BD3575FP/HFP
www.rohm.com
2011.03 - Rev.B
© 2011 ROHM Co., Ltd. All rights reserved.
●Output Voltage Adjustment
To set the output voltage insert pull-down resistor R1 between the ADJ and GND pins,
and pull-up resistor R2 between the VO and ADJ pins.
Vo = VADJ×(R1+R2) / R1 [V]
{VADJ=1.26V(TYP.)}
The recommended connection resistor for the ADJ-GND is 30k~150kΩ.
●Setting of Heat
TO252-3
TO252-5
HRP5
Fig. 23
Fig. 24
Fig. 25
Refer to the heat mitigation characteristics illustrated in Figs. 23, 24 and 25 when using the IC in an environment where Ta
≧25℃. The characteristics of the IC are greatly influenced by the operating temperature. If the temperature is in excess of
the maximum junction temperature Tjmax, the elements of the IC may be deteriorated or damaged. It is necessary to give
sufficient consideration to the heat of the IC in view of two points, i.e., the protection of the IC from instantaneous damage
and the maintenance of the reliability of the IC in long-time operation.
In order to protect the IC from thermal destruction, it is necessary to operate the IC not in excess of the maximum junction
temperature Tjmax. Fig. 23 illustrates the power dissipation/heat mitigation characteristics for the TO252 package. Operate
the IC within the power dissipation Pd. The following method is used to calculate the power consumption PC (W).
Vcc : Input voltage
PC=(VCC-VO)×IO+VCC×ICC
Vo : Output voltage
Power dissipation Pd≦PC
Io : Load current
Icc : Total supply current
The load current IO is obtained to operate the IC within the power dissipation.
(For more information about ICC, see page 12.)
The maximum load current Iomax for the applied voltage VCC can be calculated during the thermal design process.
●Calculation example
Example: BD3571FP VCC = 12 V and VO = 5 V at Ta = 85℃
IO89mA
(ICC=30μA)
Make a thermal calculation in consideration of the above so that the whole operating temperature range will be within the
power dissipation.
The power consumption Pc of the IC in the event of shorting (i.e., if the VO and GND pins are shorted) will be obtained from
the following equation.
Pc=VCC×(ICC+Ishort)
Ishort = Short current
VCC-VO
Io≦
Pd-VCC×ICC
IO
0.624-12×ICC
12-5
θja=104.2℃/W→-9.6mAW/℃
25℃=1.2W→85℃=0.624W
0
0.4
1.2 W
0
0.8
1.2
1.6
2.0
25
50
75
100
125
150
IC mounted on a ROHM standard board
Substrate size: 70 mm
 70 mm  1.6 mm
ja = 104.2 (°C/W)
AMBIENT TEMPERATURE: Ta [°C]
0
0.4
1.6 W
0
0.8
1.2
1.6
2.0
25
50
75
100
125
150
IC mounted on a ROHM standard board
Substrate size: 70 mm
 70 mm  1.6 mm
ja = 78.1 (°C/W)
AMBIENT TEMPERATURE: Ta [°C]
0
0.4
1.3W
0
0.8
1.2
1.6
2.0
25
50
75
100
125
150
AMBIENT TEMPERATURE: Ta [℃]
IC mounted on a ROHM standard board
Substrate size: 70 mm
 70 mm  1.6 mm
ja = 96.2 (°C/W)
Fig.22
ADJ
Vo
R2
R1


同様の部品番号 - BD3574FP

メーカー部品番号データシート部品情報
logo
Rohm
BD3574FP ROHM-BD3574FP Datasheet
312Kb / 10P
   High Voltage LDO Regulators
BD3574FP ROHM-BD3574FP Datasheet
327Kb / 12P
   High Voltage LDO Regulators
BD3574FP ROHM-BD3574FP Datasheet
414Kb / 12P
   High Voltage LDO Regulators
More results

同様の説明 - BD3574FP

メーカー部品番号データシート部品情報
logo
Rohm
BD3570YFP-M ROHM-BD3570YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3570FP ROHM-BD3570FP Datasheet
312Kb / 10P
   High Voltage LDO Regulators
BD3570FP-E2 ROHM-BD3570FP-E2 Datasheet
414Kb / 12P
   High Voltage LDO Regulators
BD3571YFP-M ROHM-BD3571YFP-M Datasheet
1,022Kb / 20P
   High Voltage LDO Regulators
BD3575HFP-TR ROHM-BD3575HFP-TR Datasheet
327Kb / 12P
   High Voltage LDO Regulators
logo
Bookly Micro electronic
BM1117N BOOKLY-BM1117N Datasheet
599Kb / 7P
   1A Voltage High Speed LDO Regulators
logo
Torex Semiconductor
XC6207 TOREX-XC6207_1 Datasheet
797Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217_2 Datasheet
496Kb / 33P
   High Speed "Green Operation" LDO Voltage Regulators
XC6217 TOREX-XC6217 Datasheet
502Kb / 30P
   HIGH SPEED GREEN OPERATION LDO VOLTAGE REGULATORS
logo
SHANGHAI BELLING CO., L...
BL9118 BELLING-BL9118 Datasheet
187Kb / 12P
   800mA Adjustable Voltage High Speed LDO Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com