データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5231 データシート(PDF) 9 Page - Fairchild Semiconductor

部品番号 FAN5231
部品情報  Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5231 データシート(HTML) 9 Page - Fairchild Semiconductor

Back Button FAN5231 Datasheet HTML 5Page - Fairchild Semiconductor FAN5231 Datasheet HTML 6Page - Fairchild Semiconductor FAN5231 Datasheet HTML 7Page - Fairchild Semiconductor FAN5231 Datasheet HTML 8Page - Fairchild Semiconductor FAN5231 Datasheet HTML 9Page - Fairchild Semiconductor FAN5231 Datasheet HTML 10Page - Fairchild Semiconductor FAN5231 Datasheet HTML 11Page - Fairchild Semiconductor FAN5231 Datasheet HTML 12Page - Fairchild Semiconductor FAN5231 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
FAN5231
REV. 1.1.1 8/15/01
9
not the same because the CPU current is significantly lower
as it is illustrated by the following equaton.
ICPU = KCPU • VCPUi • FCPUi • KF;
Where, KCPU — is a processor constant; VCPUi — is proces-
sor operating voltage; FCPUi — is processor clock frequency;
KF — is a coefficient that varies from 0 to 1 and indicates
how heavily processor is engaged by the software; i — is a
denominator associated with the processor mode of opera-
tion (performance or battery optimized).
Figure 4.
This leads to deterioration of the droop benefits in the
battery-optimized mode where they are mostly appreciable,
Fig. 3.
Figure 5.
The FAN5231 incorporates a new proprietary droop
technique specially designed for the SpeedStep-enabled
converters and provides mode-compensated, relatively equal
droop in both, the performance and the battery-optimized
modes. The droop is set as a fraction of the VID programmed
voltage and the gain in the current loop is different for each
VID combination, those providing the droop, which is
compensated for the voltage and the frequency changes
associated with the different CPU modes of operation.
Figure 6.
To accommodate the droop the output voltage of core
converter is raised 2% at no load conditions. The resistor
connected to ISEN1 pin programs the amount of droop.
This resistor sets the gain in the current feedback loop. The
droop is scaled to 5.5% of the VID code when current into
ISEN1 pin equals 75µA.
The output voltage waveforms with droop subjected to load
step are shown on Fig. 4–Fig. 6 .
Feedback Loop Compensation
Due to implemented average current mode control, the
modulator has a single pole response with -1 slope at
frequency determined by load
where Ro – is load resistance, Co – is load capacitance. For
this type of modulator Type 2 compensation circuit is usually
sufficient. To reduce number of external components and
remove the burden at determining compensation components
from a system designer, both PWM controllers have
internally compensated error amplifiers.
Figure 7 shows Type 2 amplifier and its response along with
responses of current mode modulator and the converter. The
Type 2 amplifier, in addition to the pole at origin, has a zero-
pole pair that causes a flat gain region at frequencies in
between the zero and the pole.
Ch1 50mV
Ch2 5.0A
M50µs
1
2
VCPU=1.6V
ICPU =0.3A>>18A
Ch1 50mV
Ch2 5.0A
M50µs
1
2
VCPU=1.35V
ICPU = 0.3A>>13
.5A
Ch1 50mV
Ch2 5.0A
M50µs
1
2
VCPU=1.00V
I CPU =0.3A>>12.0A
RCS
IMAX RDS ON
()
75
µA
--------------------------------------
=
FPO
1
2
π R
0
C
0
⋅⋅
----------------------------
=
FZ
1
2
π R
2
C
1
⋅⋅
----------------------------
6
kHz
=
=
;
FP
1
2
π R
2
C
1
⋅⋅
----------------------------
600
kHz
=
=
;


同様の部品番号 - FAN5231

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5230 FAIRCHILD-FAN5230 Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5230QSC FAIRCHILD-FAN5230QSC Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5232 FAIRCHILD-FAN5232 Datasheet
76Kb / 9P
   Adjustable PWM Buck Controller for LCD PCs
FAN5233 FAIRCHILD-FAN5233 Datasheet
388Kb / 15P
   System Electronics Regulator for Mobile PCs
FAN5234 FAIRCHILD-FAN5234 Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
More results

同様の説明 - FAN5231

メーカー部品番号データシート部品情報
logo
Intersil Corporation
IPM6210A INTERSIL-IPM6210A Datasheet
658Kb / 15P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
logo
Renesas Technology Corp
IPM6210A RENESAS-IPM6210A Datasheet
860Kb / 15P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
Aug 2001
ISL95822 RENESAS-ISL95822 Datasheet
185Kb / 2P
   Dual-Phase PWM Regulator for VR12.5 and VR12.6 CPUs
logo
National Semiconductor ...
LM2633 NSC-LM2633 Datasheet
1Mb / 40P
   Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Texas Instruments
LM2633 TI1-LM2633 Datasheet
1Mb / 47P
[Old version datasheet]   Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Intersil Corporation
ISL6528 INTERSIL-ISL6528_06 Datasheet
367Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
ISL6528 INTERSIL-ISL6528 Datasheet
390Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Renesas Technology Corp
ISL6528 RENESAS-ISL6528 Datasheet
742Kb / 13P
   Dual Regulator - Standard Buck PWM and Linear Power Controller
logo
Texas Instruments
LM2633 TI-LM2633_15 Datasheet
1Mb / 51P
[Old version datasheet]   LM2633 Advanced Two-Phase Synchronous Triple Regulator Controller for Notebook CPUs
logo
Maxim Integrated Produc...
MAX1816 MAXIM-MAX1816 Datasheet
983Kb / 49P
   Dual Step-Down Controllers Plus Linear- Regulator Controller for Notebook Computers
19-2569; Rev 0; 10/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com