データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5232 データシート(PDF) 4 Page - Fairchild Semiconductor

部品番号 FAN5232
部品情報  Adjustable PWM Buck Controller for LCD PCs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5232 データシート(HTML) 4 Page - Fairchild Semiconductor

  FAN5232 Datasheet HTML 1Page - Fairchild Semiconductor FAN5232 Datasheet HTML 2Page - Fairchild Semiconductor FAN5232 Datasheet HTML 3Page - Fairchild Semiconductor FAN5232 Datasheet HTML 4Page - Fairchild Semiconductor FAN5232 Datasheet HTML 5Page - Fairchild Semiconductor FAN5232 Datasheet HTML 6Page - Fairchild Semiconductor FAN5232 Datasheet HTML 7Page - Fairchild Semiconductor FAN5232 Datasheet HTML 8Page - Fairchild Semiconductor FAN5232 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
FAN5232
PRODUCT SPECIFICATION
4
REV. 1.1.1 10/7/02
Application Circuit
Figure 1. Application Circuit for LCD PC Main Power
Control and Signal Functions
Control Logic Low
600
mV
Control Logic High
2
V
Softstart Current
3
5
7
µA
Over-temperature Shutdown
150
°C
Over-temperature Hysteresis
25
°C
PWRGD Threshold
-14
-12
-9
%VO
PWRGD Saturation Voltage
Isink = 4mA
400
mV
PWRGD Leakage Current
VCC = 5.5V
1
µA
PWRGD Pulse Width for Trip
Low
→ High, High → Low
5
10
µsec
Electrical Specifications (Continued)
(VBATT = 16V, TA = -20 to 85°C, circuit of Figure 1, unless otherwise specified.)
Parameter
Conditions
Min.
Typ.
Max.
Units
1
2
3
4
5
6
7
14
13
12
11
10
9
8
U1
FAN5232
Vin = 16–22V
SDNADJ
3.3V-Always
C2
C3
Q1
Q2
R3
R2
R4
R5
R6
C6
L1
C5
D1
5V-Always
SDWN
PWRGD
12V @ 8A
C4
R1
5V
+
C1
+


同様の部品番号 - FAN5232

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5230 FAIRCHILD-FAN5230 Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5230QSC FAIRCHILD-FAN5230QSC Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5231 FAIRCHILD-FAN5231 Datasheet
360Kb / 17P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
FAN5233 FAIRCHILD-FAN5233 Datasheet
388Kb / 15P
   System Electronics Regulator for Mobile PCs
FAN5234 FAIRCHILD-FAN5234 Datasheet
537Kb / 15P
   Mobile-Friendly PWM/PFM Controller
More results

同様の説明 - FAN5232

メーカー部品番号データシート部品情報
logo
Taiwan Semiconductor Co...
TS3404 TSC-TS3404 Datasheet
131Kb / 5P
   PWM Buck Controller
logo
Diodes Incorporated
AP2004 DIODES-AP2004 Datasheet
246Kb / 8P
   PWM BUCK CONTROLLER
AP2004 Rev. 2
AP2008 DIODES-AP2008_09 Datasheet
125Kb / 8P
   PWM BUCK CONTROLLER
AP2008 Rev. 2
AP2004 DIODES-AP2004_09 Datasheet
199Kb / 8P
   PWM BUCK CONTROLLER
AP2004 Rev. 3
logo
Anachip Corp
AP2004 ANACHIP-AP2004 Datasheet
175Kb / 8P
   PWM Buck Controller
logo
Diodes Incorporated
AP2008 DIODES-AP2008 Datasheet
291Kb / 8P
   PWM BUCK CONTROLLER
AP2008 Rev. 2
logo
Semtech Corporation
SC2618 SEMTECH-SC2618 Datasheet
406Kb / 9P
   Miniature PWM Controller for Buck Regulator
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
   Synchronous Buck PWM Controller
APW7074 ANPEC-APW7074_08 Datasheet
891Kb / 21P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com