データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5235 データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 FAN5235
部品情報  System Electronics Regulator for Mobile PCs
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5235 データシート(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5235 Datasheet HTML 3Page - Fairchild Semiconductor FAN5235 Datasheet HTML 4Page - Fairchild Semiconductor FAN5235 Datasheet HTML 5Page - Fairchild Semiconductor FAN5235 Datasheet HTML 6Page - Fairchild Semiconductor FAN5235 Datasheet HTML 7Page - Fairchild Semiconductor FAN5235 Datasheet HTML 8Page - Fairchild Semiconductor FAN5235 Datasheet HTML 9Page - Fairchild Semiconductor FAN5235 Datasheet HTML 10Page - Fairchild Semiconductor FAN5235 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
FAN5235
REV. 1.3.3 1/3/02
7
Figure 3. FAN5235 5V/3.3V—ALWAYS Internal Block Diagram
Functional Description
The FAN5235 is a high efficiency and high precision DC/DC
controller for notebook and other portable applications. It
provides all of the voltages necessary for system electronics:
5V, 3.3V, 12V, and both 3.3V-ALWAYS and 5V-ALWAYS.
Utilization of both input and output voltage feedback in a
current-mode control allows for fast loop response over a
wide range of input and output variations. Current sense
based on MOSFET RDS,on gives maximum efficiency, while
also permitting the use of a sense resistor for high accuracy.
3.3V and 5V Architecture
The 3.3V and 5V switching regulator outputs of the
FAN5235 are generated from the unregulated input voltage
using synchronous buck converters. Both high side and low-
side MOSFETs are N-channel.
The 3.3V and 5V switchers have pins for current sensing and
for setting of output over-current threshold using MOSFET
RDS,on. Each converter has a pin for voltage-sense feedback,
a pin that shuts down the converter, and a pin for generating
the boost voltage to drive the high-side MOSFET.
The following discussion of the FAN5235 design will be
done with reference to Figures 1 through 4, showing the
internal block diagram of the IC.
3.3V and 5V PWM Current Sensing
Peak current sensing is done on the low side driver because
of the very low duty-cycle on the high side MOSFET. The
current is sampled 50ns after turn on and the value is held for
current feedback and over-current limit.
3.3V and 5V PWM Loop Compensation
The 3.3V and 5V control loops of the FAN5235 function as
voltage mode with current feedback for stability. They each
have an independent voltage feedback pin, as shown in
Figure 1. They use voltage feed-forward to guarantee loop
rejection of input voltage variation: that is to say that the
PWM (pulse width modulation) ramp amplitude is varied as
a function of the input voltage. Compensation of the control
loops is done entirely internally using current-mode feed-
back compensation. This scheme allows the bandwidth and
phase margin to be almost independent of output capacitance
and ESR.
3.3V and 5V PWM Current Limit
The 3.3V and 5V converters each sense the voltage across
their own low-side MOSFET to determine whether to enter
current limit. If an output current in excess of the current
limit threshold is measured then the converter enters a pulse
skipping mode where Iout is equal to the over-current (OC)
set limit. After 8 clock cycles then the regulator is latched off
(HSD and LSD off). This is the likely scenario in the case of
a "soft" short. If the short is "hard" it will instantly
trigger the under-voltage protection which again will latch
the regulator off (HSD and LSD off) after a 2µs delay.
Selection of a current-limit set resistor must include the
tolerance of the current-limit trip point, the MOSFET on
resistance and temperature coefficient, and the ripple current,
in addition to the maximum output current.
Example: Maximum DC output current on the 5V is 5A,
the MOSFET RDS,on is 17mΩ, and the inductor is 5µH at a
current of 5A. Because of the low RDS,on, the low-side
MOSFET will have a maximum temperature (ambient +
self-heating) of only 75°C, at which its RDS,on increases to
20m
Ω.
LDO
VIN
VFB5
5V ALWAYS
FAN5235
5V/3.3V-ALWAYS
LDO
3.3V ALWAYS


同様の部品番号 - FAN5235

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5230 FAIRCHILD-FAN5230 Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5230QSC FAIRCHILD-FAN5230QSC Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5231 FAIRCHILD-FAN5231 Datasheet
360Kb / 17P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
FAN5232 FAIRCHILD-FAN5232 Datasheet
76Kb / 9P
   Adjustable PWM Buck Controller for LCD PCs
FAN5233 FAIRCHILD-FAN5233 Datasheet
388Kb / 15P
   System Electronics Regulator for Mobile PCs
More results

同様の説明 - FAN5235

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5230 FAIRCHILD-FAN5230 Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5233 FAIRCHILD-FAN5233 Datasheet
388Kb / 15P
   System Electronics Regulator for Mobile PCs
logo
EPCOS
B4150 EPCOS-B4150_1 Datasheet
93Kb / 10P
   Low Loss Filter for Mobile Telephone PCS system
logo
Mitsubishi Electric Sem...
MF1082V-2 MITSUBISHI-MF1082V-2 Datasheet
64Kb / 1P
   FOR PCS MOBILE TELEPHONE, Tx
MF1081V-2 MITSUBISHI-MF1081V-2 Datasheet
63Kb / 1P
   FOR PCS MOBILE TELEPHONE, Rx
logo
Pericom Semiconductor C...
PI6C105 PERICOM-PI6C105 Datasheet
598Kb / 15P
   Precision Clock Synthesizer for Mobile PCs
PI6C102 PERICOM-PI6C102 Datasheet
588Kb / 11P
   Precision Clock Synthesizer for Mobile PCs
logo
Toshiba Semiconductor
TPCA8081 TOSHIBA-TPCA8081 Datasheet
238Kb / 9P
   Notebook PCs Mobile Handsets
TPCA8082 TOSHIBA-TPCA8082 Datasheet
234Kb / 9P
   Notebook PCs Mobile Handsets
TPC8087 TOSHIBA-TPC8087 Datasheet
226Kb / 9P
   Notebook PCs Mobile Handsets
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com