データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4041UB データシート(PDF) 4 Page - Texas Instruments

部品番号 CD4041UB
部品情報  CMOS QUAD TRUE/COMPLEMENT BUFFER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

CD4041UB データシート(HTML) 4 Page - Texas Instruments

  CD4041UB_12 Datasheet HTML 1Page - Texas Instruments CD4041UB_12 Datasheet HTML 2Page - Texas Instruments CD4041UB_12 Datasheet HTML 3Page - Texas Instruments CD4041UB_12 Datasheet HTML 4Page - Texas Instruments CD4041UB_12 Datasheet HTML 5Page - Texas Instruments CD4041UB_12 Datasheet HTML 6Page - Texas Instruments CD4041UB_12 Datasheet HTML 7Page - Texas Instruments CD4041UB_12 Datasheet HTML 8Page - Texas Instruments CD4041UB_12 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
CD4041UBE
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD4041UBEE4
ACTIVE
PDIP
N
14
25
Pb-Free
(RoHS)
CU NIPDAU
N / A for Pkg Type
CD4041UBF
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
CD4041UBF3A
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
CD4041UBM
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4041UBM96
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4041UBM96E4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4041UBM96G4
ACTIVE
SOIC
D
14
2500 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4041UBME4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4041UBMG4
ACTIVE
SOIC
D
14
50
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4041UBMT
ACTIVE
SOIC
D
14
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4041UBMTE4
ACTIVE
SOIC
D
14
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4041UBMTG4
ACTIVE
SOIC
D
14
250
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4041UBPW
ACTIVE
TSSOP
PW
14
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4041UBPWE4
ACTIVE
TSSOP
PW
14
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4041UBPWG4
ACTIVE
TSSOP
PW
14
90
Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4041UBPWR
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4041UBPWRE4
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
CD4041UBPWRG4
ACTIVE
TSSOP
PW
14
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Pb-Free (RoHS Exempt): This component has a RoHS exemption for either 1) lead-based flip-chip solder bumps used between the die and
PACKAGE OPTION ADDENDUM
www.ti.com
11-Nov-2009
Addendum-Page 1


同様の部品番号 - CD4041UB_12

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4041UB TI1-CD4041UB_15 Datasheet
872Kb / 14P
[Old version datasheet]   CMOS Quad True/Complement Buffer
More results

同様の説明 - CD4041UB_12

メーカー部品番号データシート部品情報
logo
Texas Instruments
CD4041UB TI1-CD4041UB_15 Datasheet
872Kb / 14P
[Old version datasheet]   CMOS Quad True/Complement Buffer
logo
Intersil Corporation
CD4041UBMS INTERSIL-CD4041UBMS Datasheet
105Kb / 7P
   CMOS Quad True/Complement Buffer
December 1992
CD4041BMS INTERSIL-CD4041BMS Datasheet
107Kb / 7P
   CMOS Quad True/Complement Buffer
logo
Texas Instruments
CD4041UB TI-CD4041UB Datasheet
200Kb / 4P
[Old version datasheet]   CMOS QUAD TRUE/COMPLEMENT BUFFER
CD4041UBF3A TI-CD4041UBF3A Datasheet
855Kb / 14P
[Old version datasheet]   CMOS Quad True Complement Buffer
logo
STMicroelectronics
HCC4041UB STMICROELECTRONICS-HCC4041UB Datasheet
295Kb / 12P
   QUAD TRUE/COMPLEMENT BUFFER
logo
National Semiconductor ...
CD4041UB NSC-CD4041UB Datasheet
118Kb / 6P
   Quad True/Complement Buffer
logo
STMicroelectronics
HCF4041UB STMICROELECTRONICS-HCF4041UB Datasheet
175Kb / 8P
   QUAD TRUE/COMPLEMENT BUFFER
logo
Micro Electronics
MMC4041 MICRO-ELECTRONICS-MMC4041 Datasheet
91Kb / 3P
   QUAD TRUE / COMPLEMENT BUFFER
logo
NXP Semiconductors
HEF4041B PHILIPS-HEF4041B Datasheet
31Kb / 4P
   Quadruple true/complement buffer
January 1995
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com