データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5240 データシート(PDF) 5 Page - Fairchild Semiconductor

部品番号 FAN5240
部品情報  Multi-Phase PWM Controller for AMD Mobile Athlon TM and Duron TM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5240 データシート(HTML) 5 Page - Fairchild Semiconductor

  FAN5240 Datasheet HTML 1Page - Fairchild Semiconductor FAN5240 Datasheet HTML 2Page - Fairchild Semiconductor FAN5240 Datasheet HTML 3Page - Fairchild Semiconductor FAN5240 Datasheet HTML 4Page - Fairchild Semiconductor FAN5240 Datasheet HTML 5Page - Fairchild Semiconductor FAN5240 Datasheet HTML 6Page - Fairchild Semiconductor FAN5240 Datasheet HTML 7Page - Fairchild Semiconductor FAN5240 Datasheet HTML 8Page - Fairchild Semiconductor FAN5240 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
PRODUCT SPECIFICATION
FAN5240
REV. 1.1.7 8/29/02
5
Electrical Specifications
(VCC = 5V, VIN = 6V–24V, and TA = recommended operating ambient temperature range using circuit of Figure 1,
unless otherwise noted.)
Note 1: Guaranteed by slew rate testing.
Parameter
Conditions
Min.
Typ.
Max.
Units
Power Supplies
VCC Current
Operating, CL = 10pF
2
mA
Shut-down (EN=0)
1
10
µA
VIN Current
Operating
25
µA
Shut-down (EN=0)
1
µA
UVLO Threshold
Rising VCC
4.3
4.45
4.6
V
Falling VCC
3.8
3.95
4.10
V
Regulator / Control Functions
Output voltage
per Table 2
0.925
2.00
V
Error Amplifier Gain
86
dB
Error Amplifier GBW
2.7
MHz
Error Amplifier Slew Rate
1
V/
µS
VCORE+ Input Current
25
30
35
µA
ILIM Voltage
RILIM = 30K
0.89
0.91
V
ILIM THOLDOFF
CDELAY = 22nF
1.16
mS
Over-voltage Threshold
2.2
2.35
2.5
V
Over-voltage Protection delay
2
µS
EN, input threshold
Logic LOW
0.8
V
Logic HIGH
2
V
Phase to Phase current mismatch
IC contribution only
Guaranteed by design
±5
%
Over-Temperature Shut-down
150
°C
Over-Temperature Hysteresis
25
°C
Output Drivers (note 1)
HDRV Output Resistance
Sourcing
3.8
5
Sinking
1.6
3
LDRV Output Resistance
Sourcing
3.8
5
Sinking
0.8
1.5
Oscillator
Frequency
255
300
345
KHz
Ramp Amplitude, pk–pk
VIN = 16V
2
V
Ramp Offset
0.5
V
Ramp Gain
125
mV/V
Reference, DAC and Soft-Start
VID input threshold
Logic LOW
0.8
V
Logic HIGH
2.0
V
VID pull-up current
to VCC
1
µA
DAC output accuracy
–11
%
Soft Start Charging current (ISS)VSS < 90% of Programmed output
20
27
34
µA
VSS > 90% of Programmed output
350
500
650
µA
RampAmplitude
V
IN
----------------------------------------------


同様の部品番号 - FAN5240

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5240 FAIRCHILD-FAN5240 Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
FAN5240MTC FAIRCHILD-FAN5240MTC Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
FAN5240MTCX FAIRCHILD-FAN5240MTCX Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
FAN5240QSC FAIRCHILD-FAN5240QSC Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
FAN5240QSCX FAIRCHILD-FAN5240QSCX Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
More results

同様の説明 - FAN5240

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5240 FAIRCHILD-FAN5240_06 Datasheet
564Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676_05 Datasheet
323Kb / 16P
   Mobile AMD Athlon??VRM Controller
logo
Cypress Semiconductor
CY28372 CYPRESS-CY28372 Datasheet
283Kb / 18P
   SiS 746 AMD Athlon/AMD Duron Clock Synthesizer
logo
SpectraLinear Inc
CY28372 SPECTRALINEAR-CY28372 Datasheet
227Kb / 17P
   SiS 746 AMD Athlon??AMD Duron??Clock Synthesizer
logo
Winbond
W83304D WINBOND-W83304D Datasheet
373Kb / 16P
   ACPI Controller For AMD Claw Hammer TM CPU
logo
Advanced Micro Devices
AMD-751 AMD-AMD-751 Datasheet
172Kb / 14P
   AMD-751-TM System Controller Revision Guide
logo
ON Semiconductor
MC44605 ONSEMI-MC44605_06 Datasheet
182Kb / 20P
   High Safety, Latched Mode, GreenLine TM PWM Controller for (Multi) Synchronized Applications
June, 2006 ??Rev. 5
logo
Advanced Micro Devices
SC3200 AMD-SC3200 Datasheet
3Mb / 447P
   AMD GEODE-TM SC3200 PROCESSOR
AMD-761 AMD-AMD-761 Datasheet
2Mb / 264P
   AMD-761-TM System Controller Software/BIOS Design Guide
logo
Intersil Corporation
ISL6264 INTERSIL-ISL6264 Datasheet
433Kb / 24P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com