データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5236MTC データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FAN5236MTC
部品情報  Dual Mobile-Friendly DDR / Dual-output PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5236MTC データシート(HTML) 3 Page - Fairchild Semiconductor

  FAN5236MTC Datasheet HTML 1Page - Fairchild Semiconductor FAN5236MTC Datasheet HTML 2Page - Fairchild Semiconductor FAN5236MTC Datasheet HTML 3Page - Fairchild Semiconductor FAN5236MTC Datasheet HTML 4Page - Fairchild Semiconductor FAN5236MTC Datasheet HTML 5Page - Fairchild Semiconductor FAN5236MTC Datasheet HTML 6Page - Fairchild Semiconductor FAN5236MTC Datasheet HTML 7Page - Fairchild Semiconductor FAN5236MTC Datasheet HTML 8Page - Fairchild Semiconductor FAN5236MTC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
FAN5236
PRODUCT SPECIFICATION
REV. 1.1.7 4/4/03
3
Pin Configurations
Pin Definitions
Pin
Number
Pin Name
Pin Function Description
1
AGND
Analog Ground. This is the signal ground reference for the IC. All voltage levels are
measured with respect to this pin.
2
27
LDRV1
LDRV2
Low-Side Drive. The low-side (lower) MOSFET driver output. Connect to gate of low-side
MOSFET.
3
26
PGND1
PGND2
Power Ground. The return for the low-side MOSFET driver. Connect to source of low-
side MOSFET.
4
25
SW1
SW2
Switching node. Return for the high-side MOSFET driver and a current sense input.
Connect to source of high-side MOSFET and low-side MOSFET drain.
5
24
HDRV1
High-Side Drive. High-side (upper) MOSFET driver output. Connect to gate of high-side
MOSFET.
6
23
BOOT1
BOOT2
BOOT. Positive supply for the upper MOSFET driver. Connect as shown in Figure 3.
7
22
ISNS1
ISNS2
Current Sense input. Monitors the voltage drop across the lower MOSFET or external
sense resistor for current feedback.
8
21
EN1
EN2
Enable. Enables operation when pulled to logic high. Toggling EN will also reset the
regulator after a latched fault condition. These are CMOS inputs whose state is
indeterminate if left open.
9
20
FPWM1
FPWM2
Forced PWM mode. When logic low, inhibits the regulator from entering hysteretic mode.
Otherwise tie to VOUT. The regulator uses VOUT on this pin to ensure a smooth
transition from Hysteretic mode to PWM mode. When VOUT is expected to exceed VCC,
tie to VCC.
10
19
VSEN1
VSEN2
Output Voltage Sense. The feedback from the outputs. Used for regulation as well as
PG, under-voltage and over-voltage protection and monitoring.
11
ILIM1
Current Limit 1. A resistor from this pin to GND sets the current limit.
12
17
SS1
SS2
Soft Start. A capacitor from this pin to GND programs the slew rate of the converter
during initialization. During initialization, this pin is charged with a 5
µA current source.
13
DDR
DDR Mode Control. High = DDR mode. Low = 2 separate regulators operating 180° out
of phase.
AGND
LDRV1
PGND1
SW1
HDRV1
BOOT1
ISNS1
EN1
FPWM1
VSEN1
ILIM1
SS1
DDR
VIN
FAN5236
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VCC
LDRV2
PGND2
SW2
HDRV2
BOOT2
ISNS2
EN2
FPWM2
VSEN2
ILIM2/REF2
SS2
PG2/REF2OUT
PG1
QSOP-28 or TSSOP-28
θ
JA
= 90
°C/W


同様の部品番号 - FAN5236MTC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5236MTC FAIRCHILD-FAN5236MTC Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236MTCX FAIRCHILD-FAN5236MTCX Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236MTCX FAIRCHILD-FAN5236MTCX Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236MTCX ONSEMI-FAN5236MTCX Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
More results

同様の説明 - FAN5236MTC

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_04 Datasheet
234Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
logo
Intersil Corporation
ISL6225 INTERSIL-ISL6225 Datasheet
522Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com