データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN5250QSCX データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 FAN5250QSCX
部品情報  Mobile Processor Core-Voltage Regulator
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5250QSCX データシート(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN5250QSCX Datasheet HTML 3Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 4Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 5Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 6Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 7Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 8Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 9Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 10Page - Fairchild Semiconductor FAN5250QSCX Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
FAN5250
REV. 1.1.6 3/12/03
7
Circuit Description
Overview
The FAN5250 is a single output power management IC
supplies the low-voltage, high-current power to modern
processors for notebook and sub-notebook PCs. Using very
few external components, the IC controls a precision pro-
grammable synchronous buck converter driving external
N-Channel power MOSFETs. The output voltage is adjust-
able from 0.6V to 1.75V by changing the DAC code settings
(see Table 1). Alternatively, the output voltage can be set by
an analog input. This feature is important in systems where
VID code may not be established during start-up or CPU
core power saving modes. The output voltage of the core
converter can be changed on-the-fly with programmable slew
rate, which meets a key requirement of the processor.
The converter can operate in two modes: fixed frequency
PWM, and variable frequency hysteretic depending on the
load. At loads lower than the point where filter inductor
current becomes discontinuous, hysteretic mode of operation
is activated. Switchover from PWM to hysteretic operation at
light loads improves the converter's efficiency and prolongs
battery run time. As the filter inductor resumes continuous
current, the PWM mode of operation is restored. The chip
can be prevented from entering hysteretic mode by driving
the FPWM pin low.
The core converter incorporates a proprietary output voltage
droop method for optimum handling of fast load transients
found in modern processors.
Initialization and Soft Start
Assuming EN is high, FAN5250 is initialized when power
is applied on VCC. Should VCC drop below the UVLO
threshold, an internal Power-On Reset function disables
the chip.
The IC attempts to regulate the VCORE output according to
the voltage that appears on the SS pin (VSS). During start-up
of the converter, this voltage is initially 0, and rises linearly
to 0.5V via the current supplied to CSS through the 25µA
internal current source. The time it takes to reach 0.5V is:
where T0.5 is in seconds if CSS is in µF.
At that point, the current source changes to 500µA, which
then sets the slew rate of voltage changes at the output in
response to changes in VID.
This dual slope approach helps to provide safe rise of
voltages and currents in the converters during initial start-up
and at the same time sets a controlled speed of the core
voltage change when the processor commands to do so.
Figure 3. Soft-Start Function
CSS typically is chosen based on the slew rate desired in
response to a VID change. For example, if the spec requires a
50mV step to occur in 32µS:
With this value of CSS, the time for the output voltage to rise
to 0.5V if found using equation 1:
T0.5 = 6.6mS
We defined a slew rate of 50mV/32µS to choose the
capacitor, therefore it takes an additional 450µS to rise
from 0.5V to 1.2V.
Converter Operation
At nominal current the converter operates in fixed frequency
PWM mode. The output voltage is compared with a
reference voltage set by the DAC, which appears on the SS
pin. The derived error signal is amplified by an internally
compensated error amplifier and applied to the inverting
input of the PWM comparator. To provide output voltage
droop for enhanced dynamic load regulation, a signal
proportional to the output current is added to the voltage
feedback signal. This feedback scheme in conjunction with a
PWM ramp proportional to the input voltage allows for fast
and stable loop response over a wide range of input voltage
and output current variations. For the sake of efficiency and
maximum simplicity, the current sense signal is derived from
the voltage drop across the lower MOSFET during its
conduction time.
T
0.5
0.5
C
SS
×
25
-------------------------
=
1V
0
EN
SS
VCORE
PGOOD
1V
0
C
SS
∆I
SS
∆V
DAC
------------------
=
∆t
500
µA
50mV
------------------

 32µS
=
0.33
µF
(2)
T
1.2
T
0.5
T
0.5to1.2
()
6.6
=
0.45
++
7mS
==
(3)
(1)


同様の部品番号 - FAN5250QSCX

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN5230 FAIRCHILD-FAN5230 Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5230QSC FAIRCHILD-FAN5230QSC Datasheet
254Kb / 16P
   System Electronics Regulator for Mobile PCs
FAN5231 FAIRCHILD-FAN5231 Datasheet
360Kb / 17P
   Precision Dual PWM Controller And Linear Regulator for Notebook CPUs
FAN5232 FAIRCHILD-FAN5232 Datasheet
76Kb / 9P
   Adjustable PWM Buck Controller for LCD PCs
FAN5233 FAIRCHILD-FAN5233 Datasheet
388Kb / 15P
   System Electronics Regulator for Mobile PCs
More results

同様の説明 - FAN5250QSCX

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL6211 INTERSIL-ISL6211 Datasheet
257Kb / 16P
   Crusoe??Processor Core-Voltage Regulator
logo
Renesas Technology Corp
ISL6211 RENESAS-ISL6211 Datasheet
714Kb / 16P
   Crusoe™ Processor Core-Voltage Regulator
Nov 2001
logo
Intel Corporation
320032-001 INTEL-320032-001 Datasheet
552Kb / 57P
   Mobile Intel Atom Processor N270 Single Core
326769-002 INTEL-326769-002 Datasheet
2Mb / 342P
   Mobile 3rd Generation Intel짰 Core??Processor Family
logo
Intersil Corporation
ISL6223 INTERSIL-ISL6223 Datasheet
402Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Renesas Technology Corp
ISL6223 RENESAS-ISL6223 Datasheet
737Kb / 15P
   Mobile Microprocessor CORE Voltage Regulator Multi-Phase Buck PWM Controller
logo
Advantech Co., Ltd.
DVS-355M ADVANTECH-DVS-355M Datasheet
395Kb / 2P
   Embedded/Mobile Digital Video Platform with Intel Core Duo Mobile Processor
logo
AAEON Technology
IMBI-QM57 AAEON-IMBI-QM57 Datasheet
307Kb / 2P
   Industrial Motherboard with Intel Core i7/i5 Mobile Processor
logo
Renesas Technology Corp
ISL6260 RENESAS-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
logo
Intersil Corporation
ISL6260 INTERSIL-ISL6260 Datasheet
578Kb / 26P
   Multiphase Core Regulator for IMVP-6 Mobile CPUs
January 3, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com