データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2W005 データシート(PDF) 1 Page - First Components International

部品番号 2W005
部品情報  2.0 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FCI [First Components International]
ホームページ  http://www.cotra.com.tw/
Logo FCI - First Components International

2W005 データシート(HTML) 1 Page - First Components International

  2W005 Datasheet HTML 1Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
Features
Mechanical Dimensions
n 200 AMP SURGE OVERLOAD RATING
n MEETS UL SPECIFICATION 94V-0
Maximum Ratings
2W005 . . . 10 Series
Average Forward Rectified Current...I
F(av)
T
A = 25°C
Non-Repetitive Peak Forward Surge Current...I
FSM
8.3msSingle½SineWaveImposedonRatedLoad
Operating & Storage Temperature Range...T
J, TSTRG
Maximum Forward Voltage...V
F
Per Bridge Element @ 2.0 Amps
Maximum DC Reverse Current Per Bridge Element...I
R
@ Rated DC Blocking Voltage
T
A =25°C
T
A =100°C
Data Sheet
2.0 Amp
SINGLE PHASE SILICON BRIDGE
Units
Volts
Volts
Volts
............................................. 2.0 ...............................................
............................................. 60 ...............................................
........................................ -55 to 125 .........................................
............................................. 1.0 ...............................................
............................................. 10 ...............................................
............................................. 1.0 ...............................................
Amps
Amps
°C
Volts
µAmps
mAmps
Peak Repetitive Reverse Voltage...V
RRM
RMS Reverse Voltage...V
R(rms)
DC Blocking Voltage...V
DC
Mechanical Data: Mounting Position - Any.
Weight - 1.1 Grams.
n COMPACT SIZE
n LOW LEAKAGE CURRENT
2W005 2W01
2W02
2W04
2W06
2W08
2W10
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
Page 3-11
Electrical Characteristics


同様の部品番号 - 2W005

メーカー部品番号データシート部品情報
logo
Won-Top Electronics
2W005 WTE-2W005 Datasheet
46Kb / 3P
   2.0A BRIDGE RECTIFIER
logo
SUNMATE electronic Co.,...
2W005 SUNMATE-2W005 Datasheet
897Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
Electronic devices inc.
2W005 EDI-2W005 Datasheet
116Kb / 1P
   EDI Single-1 to 12 Amperes Commercial Grade Bridges
logo
WILLAS ELECTRONIC CORP
2W005 WILLAS-2W005 Datasheet
415Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED
logo
Jinan Gude Electronic D...
2W005 JGD-2W005 Datasheet
178Kb / 2P
   SINGLE PHASE 2.0 AMP SILICON BRIDGE RECTIFIERS
More results

同様の説明 - 2W005

メーカー部品番号データシート部品情報
logo
First Components Intern...
KBU400 FCI-KBU400_1 Datasheet
65Kb / 1P
   4.0 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
W005 FCI-W005 Datasheet
402Kb / 2P
   1.5 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
KBU600 FCI-KBU600_1 Datasheet
75Kb / 1P
   6.0 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
KBU800 FCI-KBU800_1 Datasheet
77Kb / 1P
   8.0 Amp SINGLE PHASE SILICON BRIDGE LOW LEAKAGE CURRENT
KBP200 FCI-KBP200 Datasheet
129Kb / 2P
   2.0 Amp SINGLE PHASE SILICON BRIDGE
2W005 FCI-2W005 Datasheet
124Kb / 2P
   2.0 Amp SINGLE PHASE SILICON BRIDGE
logo
Jinan Gude Electronic D...
2W005 JGD-2W005 Datasheet
178Kb / 2P
   SINGLE PHASE 2.0 AMP SILICON BRIDGE RECTIFIERS
logo
First Components Intern...
KBP200 FCI-KBP200_1 Datasheet
183Kb / 2P
   2.0 Amp SINGLE PHASE SILICON BRIDGE High surge current capability
logo
Bytes
RS201 BYTES-RS201 Datasheet
144Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
logo
Nanjing International G...
GBL201 DGNJDZ-GBL201 Datasheet
67Kb / 2P
   SINGLE PHASE 2.0 AMP BRIDGE RECTIFIERS
More results


Html Pages

1


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com