データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC6326L データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FDC6326L
部品情報  Integrated Load Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6326L データシート(HTML) 3 Page - Fairchild Semiconductor

  FDC6326L Datasheet HTML 1Page - Fairchild Semiconductor FDC6326L Datasheet HTML 2Page - Fairchild Semiconductor FDC6326L Datasheet HTML 3Page - Fairchild Semiconductor FDC6326L Datasheet HTML 4Page - Fairchild Semiconductor FDC6326L Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
FDC6326L Rev.D1
Typical Electrical Characteristics (T
A = 25
O
C unless otherwise noted )
0
1
2
3
4
0
0.1
0.2
0.3
0.4
0.5
I
,(A)
T = 125°C
A
L
T =25°C
A
V
=12V
V
= 1.5 - 8V
PW =300us, D
≤ 2%
ON/OFF
IN
0
1
2
3
4
0
0.1
0.2
0.3
0.4
0.5
I
,(A)
T = 125°C
A
L
T =25°C
A
V
=5V
V
= 1.5 - 8V
PW =300us, D
≤ 2%
ON/OFF
IN
2
4
6
8
10
12
0
0.1
0.2
0.3
0.4
0.5
0.6
V
,(V)
IN
T = 25°C
A
T =125°C
A
I
= 1A
V
= 1.5 - 8V
PW =300us, D
≤ 2%
ON/OFF
L
Figure 4. Transient Thermal Response Curve.
Thermal characterization performed on the conditions described in Note 2.
0.00001
0.0001
0.001
0.01
0.1
1
10
100
300
0.005
0.01
0.02
0.05
0.1
0.2
0.5
1
t , TIME (sec)
1
Single Pulse
D = 0.5
0.1
0.05
0.02
0.01
0.2
Duty Cycle, D = t / t
1
2
R
(t) = r(t) * R
R
= See Note 2
θJA
θJA
θJA
T - T
= P * R
(t)
θJA
A
J
P(pk)
t1
t 2
Figure 1. Conduction Voltage Drop
Variation with Load Current.
Figure 2. Conduction Voltage Drop
Variation with Load Current.
Figure 3. On-Resistance Variation
with Input Voltage.


同様の部品番号 - FDC6326L

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FDC6326L ONSEMI-FDC6326L Datasheet
171Kb / 4P
   Integrated Load Switch
October-2017, Rev. 4
More results

同様の説明 - FDC6326L

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDG6342L FAIRCHILD-FDG6342L Datasheet
1Mb / 4P
   Integrated Load Switch
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
   Integrated Load Switch
logo
ON Semiconductor
FDC6329L ONSEMI-FDC6329L Datasheet
427Kb / 4P
   Integrated Load Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
FDC6901L FAIRCHILD-FDC6901L Datasheet
121Kb / 5P
   Integrated Load Switch
FDC6323L FAIRCHILD-FDC6323L Datasheet
264Kb / 10P
   Integrated Load Switch
logo
ON Semiconductor
FDC6324L ONSEMI-FDC6324L Datasheet
242Kb / 7P
   Integrated Load Switch
October-2017, Rev. 4
logo
Fairchild Semiconductor
FDZ2040L FAIRCHILD-FDZ2040L Datasheet
738Kb / 11P
   Integrated Load Switch
FDG6324L FAIRCHILD-FDG6324L Datasheet
173Kb / 7P
   Integrated Load Switch
FDC6325L FAIRCHILD-FDC6325L Datasheet
98Kb / 5P
   Integrated Load Switch
FDC6329L FAIRCHILD-FDC6329L Datasheet
282Kb / 7P
   Integrated Load Switch
FDC6330L FAIRCHILD-FDC6330L Datasheet
185Kb / 7P
   Integrated Load Switch
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com