データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDC6331L データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FDC6331L
部品情報  Integrated Load Switch
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC6331L データシート(HTML) 2 Page - Fairchild Semiconductor

  FDC6331L Datasheet HTML 1Page - Fairchild Semiconductor FDC6331L Datasheet HTML 2Page - Fairchild Semiconductor FDC6331L Datasheet HTML 3Page - Fairchild Semiconductor FDC6331L Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FDC6331L Rev C(W)
Electrical Characteristics
T
A = 25°C unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
Off Characteristics
BVIN
Vin Breakdown Voltage
VON/OFF = 0 V, ID = –250
µA
8
V
ILoad
Zero Gate Voltage Drain Current
VIN = 6.4 V,
VON/OFF = 0 V
–1
µA
IFL
Leakage Current, Forward
VON/OFF = 0 V, VIN = 8 V
–100
nA
IRL
Leakage Current, Reverse
VON/OFF = 0 V, VIN = –8 V
100
nA
On Characteristics
(Note 2)
VON/OFF (th)
Gate Threshold Voltage
VIN = VON/OFF, ID = –250
µA
0.4
0.9
1.5
V
RDS(on)
Static Drain–Source
On–Resistance (Q2)
VIN = 4.5 V,
ID = –2.8A
VIN = 2.5 V,
ID = –2.5 A
VIN = 1.8 V,
ID = –2.0 A
34
45
64
55
70
100
m
RDS(on)
Static Drain–Source
On–Resistance (Q1)
VIN = 4.5 V,
ID = 0.4A
VIN = 2.7 V,
ID = 0.2 A
3.1
3.8
4
5
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
–0.6
A
VSD
Drain–Source Diode Forward
Voltage
VON/OFF = 0 V, IS = –0.6 A (Note 2)
–1.2
V
Notes:
1. R θJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting
surface of the drain pins. R θJC is guar anteed by design while R θJA is determined by the user’s board design.
2. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%.
FDC6331L Load Switch Application Circuit
Q2
Q1
R1
IN
OUT
ON/OFF
LOAD
C1
R2
External Component Recommendation:
For additional in-rush current control, R2 and C1 can be added. For more information, see application note AN1030.


同様の部品番号 - FDC6331L

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDC6331L FAIRCHILD-FDC6331L Datasheet
91Kb / 4P
   Integrated Load Switch
logo
ON Semiconductor
FDC6331L ONSEMI-FDC6331L Datasheet
181Kb / 4P
   Integrated Load Switch
October-2017, Rev. 4
logo
TECH PUBLIC Electronics...
FDC6331L-TP TECHPUBLIC-FDC6331L-TP Datasheet
3Mb / 7P
   Load Switch with Level-Shift
logo
Fairchild Semiconductor
FDC6331L FAIRCHILD-FDC6331L_07 Datasheet
91Kb / 4P
   Integrated Load Switch
More results

同様の説明 - FDC6331L

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDG6342L FAIRCHILD-FDG6342L Datasheet
1Mb / 4P
   Integrated Load Switch
logo
ON Semiconductor
FDC6329L ONSEMI-FDC6329L Datasheet
427Kb / 4P
   Integrated Load Switch
October-2017, Rev. 3
logo
Fairchild Semiconductor
FDC6901L FAIRCHILD-FDC6901L Datasheet
121Kb / 5P
   Integrated Load Switch
FDC6323L FAIRCHILD-FDC6323L Datasheet
264Kb / 10P
   Integrated Load Switch
logo
ON Semiconductor
FDC6324L ONSEMI-FDC6324L Datasheet
242Kb / 7P
   Integrated Load Switch
October-2017, Rev. 4
logo
Fairchild Semiconductor
FDZ2040L FAIRCHILD-FDZ2040L Datasheet
738Kb / 11P
   Integrated Load Switch
FDG6324L FAIRCHILD-FDG6324L Datasheet
173Kb / 7P
   Integrated Load Switch
FDC6325L FAIRCHILD-FDC6325L Datasheet
98Kb / 5P
   Integrated Load Switch
FDC6329L FAIRCHILD-FDC6329L Datasheet
282Kb / 7P
   Integrated Load Switch
FDC6330L FAIRCHILD-FDC6330L Datasheet
185Kb / 7P
   Integrated Load Switch
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com