データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD16AN08A0 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FDD16AN08A0
部品情報  N-Channel UltraFET Trench MOSFET 75V, 50A, 16m?
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD16AN08A0 データシート(HTML) 1 Page - Fairchild Semiconductor

  FDD16AN08A0 Datasheet HTML 1Page - Fairchild Semiconductor FDD16AN08A0 Datasheet HTML 2Page - Fairchild Semiconductor FDD16AN08A0 Datasheet HTML 3Page - Fairchild Semiconductor FDD16AN08A0 Datasheet HTML 4Page - Fairchild Semiconductor FDD16AN08A0 Datasheet HTML 5Page - Fairchild Semiconductor FDD16AN08A0 Datasheet HTML 6Page - Fairchild Semiconductor FDD16AN08A0 Datasheet HTML 7Page - Fairchild Semiconductor FDD16AN08A0 Datasheet HTML 8Page - Fairchild Semiconductor FDD16AN08A0 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
©2002 Fairchild Semiconductor Corporation
May 2002
FDD16AN08A0 Rev. A1
FDD16AN08A0
N-Channel UltraFET® Trench MOSFET
75V, 50A, 16m
Features
•rDS(ON) = 13mΩ (Typ.), VGS = 10V, ID = 50A
•Qg(tot) = 31nC (Typ.), VGS = 10V
• Low Miller Charge
• Low Qrr Body Diode
• UIS Capability (Single Pulse and Repetitive Pulse)
• Qualified to AEC Q101
Formerly developmental type 82660
Applications
• 42V Automotive Load Control
• Starter / Alternator Systems
• Electronic Power Steering Systems
• Electronic Valve Train Systems
• DC-DC converters and Off-line UPS
• Distributed Power Architectures and VRMs
• Primary Switch for 24V and 48V systems
MOSFET Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
This product has been designed to meet the extreme test conditions and environment demanded by the automotive
industry. For a copy of the requirements, see AEC Q101 at: http://www.aecouncil.com/
Reliability data can be found at: http://www.fairchildsemi.com/products/discrete/reliability/index.html.
All Fairchild Semiconductor products are manufactured, assembled and tested under ISO9000 and QS9000 quality
systems certification.
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
75
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current
50
A
Continuous (TC < 79
oC, V
GS = 10V)
Continuous (Tamb = 25
oC, V
GS = 10V, with R
θJA = 52
oC/W)
9
A
Pulsed
Figure 4
A
EAS
Single Pulse Avalanche Energy (Note 1)
95
mJ
PD
Power dissipation
135
W
Derate above 25
oC0.9
W/
oC
TJ, TSTG
Operating and Storage Temperature
-55 to 175
oC
RθJC
Thermal Resistance Junction to Case TO-252
1.11
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-252
100
oC/W
RθJA
Thermal Resistance Junction to Ambient TO-252, 1in
2 copper pad area
52
oC/W
D
G
S
GATE
SOURCE
DRAIN (FLANGE)
TO-252AA
FDD SERIES


同様の部品番号 - FDD16AN08A0

メーカー部品番号データシート部品情報
logo
BYCHIP ELECTRONICS CO.,...
FDD16AN08A0 BYCHIP-FDD16AN08A0 Datasheet
690Kb / 4P
   N-channel Enhancement Mode Power MOSFET
More results

同様の説明 - FDD16AN08A0

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDP047AN08A0 FAIRCHILD-FDP047AN08A0 Datasheet
246Kb / 10P
   N-Channel UltraFET Trench MOSFET 75V, 80A, 4.7m?
FDB045AN08A0 FAIRCHILD-FDB045AN08A0 Datasheet
240Kb / 11P
   N-Channel UltraFET Trench MOSFET 75V, 80A, 4.5m?
FDMC2674 FAIRCHILD-FDMC2674 Datasheet
334Kb / 6P
   N-Channel UltraFET Trench MOSFET
FDP16AN08A0 FAIRCHILD-FDP16AN08A0 Datasheet
267Kb / 11P
   N-Channel PowerTrench MOSFET 75V, 58A, 16m?
logo
SemiHow Co.,Ltd.
HRP90N75K SEMIHOW-HRP90N75K Datasheet
823Kb / 8P
   75V N-Channel Trench MOSFET
logo
Guangdong Kexin Industr...
KDS2572 KEXIN-KDS2572 Datasheet
55Kb / 2P
   N-Channel UltraFET Trench MOSFET
logo
SemiHow Co.,Ltd.
HRS90N75K SEMIHOW-HRS90N75K Datasheet
916Kb / 7P
   75V N-Channel Trench MOSFET
logo
Fairchild Semiconductor
FDMS2572 FAIRCHILD-FDMS2572 Datasheet
156Kb / 6P
   N-Channel UltraFET Trench MOSFET
FDS2672_F085 FAIRCHILD-FDS2672_F085 Datasheet
563Kb / 6P
   N-Channel UltraFET Trench MOSFET
HUFA75433S3S FAIRCHILD-HUFA75433S3S Datasheet
301Kb / 11P
   N-Channel UltraFET MOSFETs 60V, 64A, 16m?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com