データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD3570 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FDD3570
部品情報  80V N-Channel PowerTrench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD3570 データシート(HTML) 2 Page - Fairchild Semiconductor

  FDD3570 Datasheet HTML 1Page - Fairchild Semiconductor FDD3570 Datasheet HTML 2Page - Fairchild Semiconductor FDD3570 Datasheet HTML 3Page - Fairchild Semiconductor FDD3570 Datasheet HTML 4Page - Fairchild Semiconductor FDD3570 Datasheet HTML 5Page - Fairchild Semiconductor FDD3570 Datasheet HTML 6Page - Fairchild Semiconductor FDD3570 Datasheet HTML 7Page - Fairchild Semiconductor FDD3570 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FDD3570 Rev. A(W)
Electrical Characteristics
T
A
= 25°C unless otherwise noted16
Symbol
Parameter
Test Conditions
Min Typ Max Units
Off Characteristics
BVDSS
Drain–Source Breakdown Voltage
VGS = 0 V, ID = 250
µA
80
V
∆BVDSS
∆T
J
Breakdown Voltage Temperature
Coefficient
ID = 250
µA,Referenced to 25°C
78
mV/
°C
IDSS
Zero Gate Voltage Drain Current
VDS = 64 V,
VGS = 0 V
1
µA
IGSSF
Gate–Body Leakage Current,
Forward
VGS = 20 V,
VDS = 0 V
100
nA
IGSSR
Gate–Body Leakage Current,
Reverse
VGS = –20 V
VDS = 0 V
–100
nA
On Characteristics
(Note 2)
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250
µA
22.4
4
V
∆VGS(th)
∆T
J
Gate Threshold Voltage
Temperature Coefficient
ID = 250
µA,Referenced to 25°C
-7
mV/
°C
RDS(on)
Static Drain–Source
On–Resistance
VGS = 10 V, ID = 10 A
VGS = 10 V, ID = 10 A,TJ =125
°C
VGS = 6 V, ID = 9 A
0.015
0.027
0.016
0.019
0.038
0.022
ID(on)
On–State Drain Current
VGS = 10 V,
VDS = 5 V
25
A
gFS
Forward Transconductance
VDS = 5 V,
ID = 14 A
40
S
Dynamic Characteristics
Ciss
Input Capacitance
2800
pF
Coss
Output Capacitance
230
pF
Crss
Reverse Transfer Capacitance
VDS = 40 V,
V GS = 0 V,
f = 1.0 MHz
117
pF
Switching Characteristics (Note 2)
td(on)
Turn–On Delay Time
20
32
ns
tr
Turn–On Rise Time
12
24
ns
td(off)
Turn–Off Delay Time
60
95
ns
tf
Turn–Off Fall Time
VDD = 40 V,
ID = 1 A,
VGS = 10 V,
RGEN = 6
24
38
ns
Qg
Total Gate Charge
54
76
nC
Qgs
Gate–Source Charge
9.6
nC
Qgd
Gate–Drain Charge
VDS = 40V,
ID = 9 A,
VGS = 10 V
14
nC
Drain–Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain–Source Diode Forward Current
2.8
A
VSD
Drain–Source Diode Forward
Voltage
VGS = 0 V,
IS = 2.8 A
(Note 2)
0.72
1.2
V
Notes:
1. R
θJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) RθJA = 40°/W when mounted on a
1in
2 pad of 2 oz copper
b) RθJA = 96°/W when mounted on
a minimum pad.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%


同様の部品番号 - FDD3570

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD3570 FAIRCHILD-FDD3570 Datasheet
76Kb / 5P
   80V N-Channel PowerTrench MOSFET
logo
Inchange Semiconductor ...
FDD3570 ISC-FDD3570 Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD3570_0011 FAIRCHILD-FDD3570_0011 Datasheet
76Kb / 5P
   80V N-Channel PowerTrench MOSFET
More results

同様の説明 - FDD3570

メーカー部品番号データシート部品情報
logo
Guangdong Kexin Industr...
KDS3512 KEXIN-KDS3512 Datasheet
62Kb / 2P
   80V N-Channel PowerTrench MOSFET
logo
Fairchild Semiconductor
SI4480DY FAIRCHILD-SI4480DY Datasheet
90Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3590 FAIRCHILD-FDS3590 Datasheet
204Kb / 8P
   80V N-Channel PowerTrench MOSFET
FDS3570 FAIRCHILD-FDS3570_00 Datasheet
83Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3570 FAIRCHILD-FDS3570 Datasheet
250Kb / 8P
   80V N-Channel PowerTrench??MOSFET
FDC3512 FAIRCHILD-FDC3512 Datasheet
133Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDD3570_0011 FAIRCHILD-FDD3570_0011 Datasheet
76Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3512 FAIRCHILD-FDS3512 Datasheet
86Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDS3580 FAIRCHILD-FDS3580_00 Datasheet
84Kb / 5P
   80V N-Channel PowerTrench MOSFET
FDD3580 FAIRCHILD-FDD3580 Datasheet
125Kb / 5P
   80V N-Channel PowerTrench??MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com