データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

2SA1451A-YF データシート(PDF) 2 Page - Toshiba Semiconductor

部品番号 2SA1451A-YF
部品情報  High-Speed, High-Current Switching Applications
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TOSHIBA [Toshiba Semiconductor]
ホームページ  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SA1451A-YF データシート(HTML) 2 Page - Toshiba Semiconductor

  2SA1451A-YF Datasheet HTML 1Page - Toshiba Semiconductor 2SA1451A-YF Datasheet HTML 2Page - Toshiba Semiconductor 2SA1451A-YF Datasheet HTML 3Page - Toshiba Semiconductor 2SA1451A-YF Datasheet HTML 4Page - Toshiba Semiconductor 2SA1451A-YF Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2SA1451A
2006-11-09
2
Electrical Characteristics (Tc = 25°C)
Characteristics
Symbol
Test Condition
Min
Typ.
Max
Unit
Collector cut-off current
ICBO
VCB = −60 V, IE = 0
−10
μA
Emitter cut-off current
IEBO
VEB = −6 V, IC = 0
−10
μA
Collector-emitter breakdown voltage
V (BR) CEO
IC = −50 mA, IB = 0
−50
V
hFE (1)
(Note)
VCE = −1 V, IC = −1 A
70
240
DC current gain
hFE (2)
VCE = −1 V, IC = −6 A
40
Collector-emitter saturation voltage
VCE (sat)
IC = −6 A, IB = −0.3 A
−0.15
−0.4
Base-emitter saturation voltage
VBE (sat)
IC = −6 A, IB = −0.3 A
−0.9
−1.2
V
Transition frequency
fT
VCE = −5 V, IC = −1 A
70
MHz
Collector output capacitance
Cob
VCB = −10 V, IE = 0, f = 1 MHz
320
pF
Turn-on time
ton
0.3
Storage time
tstg
1.0
Switching time
Fall time
tf
−IB1 = IB2 = 0.3 A, duty cycle ≤ 1%
0.2
μs
Note: hFE (1) classification O: 70 to 140, Y: 120 to 240
Marking
20 μs
VCC ≈ −30 V
Output
IB1
IB2
Input
Lot No.
A line indicates
lead (Pb)-free package or
lead (Pb)-free finish.
A1451A
Characteristics
indicator
Part No. (or abbreviation code)


同様の部品番号 - 2SA1451A-YF

メーカー部品番号データシート部品情報
logo
Toshiba Semiconductor
2SA1451A TOSHIBA-2SA1451A Datasheet
218Kb / 4P
   TRANSISTOR (HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS)
2SA1451A TOSHIBA-2SA1451A Datasheet
154Kb / 5P
   High-Speed, High-Current Switching Applications
logo
New Jersey Semi-Conduct...
2SA1451A NJSEMI-2SA1451A Datasheet
181Kb / 2P
   Silicon PNP Power Transistor
logo
Toshiba Semiconductor
2SA1451A TOSHIBA-2SA1451A_06 Datasheet
154Kb / 5P
   High-Speed, High-Current Switching Applications
More results

同様の説明 - 2SA1451A-YF

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
GCA150AA120 ETC-GCA150AA120 Datasheet
495Kb / 3P
   High speed, high current switching applications.
logo
Toshiba Semiconductor
2SK1120F TOSHIBA-2SK1120F Datasheet
258Kb / 5P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS
2SA1451A TOSHIBA-2SA1451A_06 Datasheet
154Kb / 5P
   High-Speed, High-Current Switching Applications
2SA1452A TOSHIBA-2SA1452A_06 Datasheet
154Kb / 5P
   High-Speed, High-Current Switching Applications
logo
SanRex Corporation
GSA400AA120 SANREX-GSA400AA120 Datasheet
497Kb / 3P
   High speed, high current switching applications.
logo
Toshiba Semiconductor
2SK674 TOSHIBA-2SK674 Datasheet
66Kb / 2P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS.
logo
List of Unclassifed Man...
GCA75AA120 ETC-GCA75AA120 Datasheet
508Kb / 3P
   High speed, high current switching applications.
logo
Toshiba Semiconductor
S2370 TOSHIBA-S2370 Datasheet
166Kb / 2P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS.
2SK1929 TOSHIBA-2SK1929 Datasheet
531Kb / 6P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS.
2SK2228 TOSHIBA-2SK2228 Datasheet
134Kb / 2P
   HIGH SPEED, HIGH CURRENT SWITCHING APPLICATIONS.
1996-12-01
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com