データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD5614P データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FDD5614P
部品情報  60V P-Channel PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5614P データシート(HTML) 3 Page - Fairchild Semiconductor

  FDD5614P Datasheet HTML 1Page - Fairchild Semiconductor FDD5614P Datasheet HTML 2Page - Fairchild Semiconductor FDD5614P Datasheet HTML 3Page - Fairchild Semiconductor FDD5614P Datasheet HTML 4Page - Fairchild Semiconductor FDD5614P Datasheet HTML 5Page - Fairchild Semiconductor FDD5614P Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FDD5614P Rev C(W)
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the solder mounting surface of
the drain pins. RθJC is guaranteed by design while RθCA is determined by the user's board design.
a) RθJA = 40°C/W when mounted on a
1in
2 pad of 2 oz copper
b) RθJA = 96°C/W when mounted
on a minimum pad.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width < 300
µs, Duty Cycle < 2.0%
3. Maximum current is calculated as:
where PD is maximum power dissipation at TC = 25°C and RDS(on) is at TJ(max) and VGS = 10V. Package current limitation is 21A
)
ON
(
DS
D
R
P


同様の部品番号 - FDD5614P

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDD5614P FAIRCHILD-FDD5614P Datasheet
106Kb / 6P
   60V P-Channel PowerTrench짰 MOSFET
logo
VBsemi Electronics Co.,...
FDD5614P VBSEMI-FDD5614P Datasheet
990Kb / 8P
   P-Channel 60-V (D-S) MOSFET
logo
Inchange Semiconductor ...
FDD5614P ISC-FDD5614P Datasheet
310Kb / 2P
   isc P-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD5614P FAIRCHILD-FDD5614P_05 Datasheet
106Kb / 6P
   60V P-Channel PowerTrench짰 MOSFET
More results

同様の説明 - FDD5614P

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
NDS9407 FAIRCHILD-NDS9407_02 Datasheet
142Kb / 5P
   60V P-Channel PowerTrench MOSFET
NDS9948 FAIRCHILD-NDS9948_10 Datasheet
265Kb / 6P
   Dual 60V P-Channel PowerTrench??MOSFET
NDS9948 FAIRCHILD-NDS9948_02 Datasheet
142Kb / 6P
   Dual 60V P-Channel PowerTrench MOSFET
logo
ON Semiconductor
NDS9948 ONSEMI-NDS9948 Datasheet
272Kb / 7P
   Dual 60V P-Channel PowerTrench??MOSFET
September-2017, Rev. 2
logo
Fairchild Semiconductor
FDN5618P FAIRCHILD-FDN5618P Datasheet
385Kb / 8P
   60V P-Channel Logic Level PowerTrench MOSFET
FDC5614P FAIRCHILD-FDC5614P Datasheet
140Kb / 5P
   60V P-Channel Logic Level PowerTrench MOSFET
FDS5680 FAIRCHILD-FDS5680 Datasheet
261Kb / 8P
   60V N-Channel PowerTrench??MOSFET
FDS9945 FAIRCHILD-FDS9945 Datasheet
73Kb / 5P
   60V N-Channel PowerTrench MOSFET
FDP5680 FAIRCHILD-FDP5680 Datasheet
440Kb / 16P
   60V N-Channel PowerTrench??MOSFET
FDS5670 FAIRCHILD-FDS5670 Datasheet
250Kb / 8P
   60V N-Channel PowerTrench??MOSFET
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com