データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD5670 データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FDD5670
部品情報  60V N-Channel PowerTrenchTM MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5670 データシート(HTML) 2 Page - Fairchild Semiconductor

  FDD5670 Datasheet HTML 1Page - Fairchild Semiconductor FDD5670 Datasheet HTML 2Page - Fairchild Semiconductor FDD5670 Datasheet HTML 3Page - Fairchild Semiconductor FDD5670 Datasheet HTML 4Page - Fairchild Semiconductor FDD5670 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
FDD5670 Rev. A
Electrical Characteristics
TC=25
oC unless otherwise noted
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
OFF CHARACTERISTICS
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250
µA
60
V
IDSS
Zero Gate Voltage Drain Current
VDS = 48 V, VGS = 0 V
1
µA
IGSSF
Gate-Body Leakage, Forward
VGS = 20 V, VDS = 0 V
100
nA
IGSSR
Gate-Body Leakage, Reverse
VGS = -20 V, VDS = 0 V
-100
nA
ON CHARACTERISTICS (Note 2)
VGS(TH)
Gate Threshold Voltage
VDS = VGS, ID = 250
µA
24
V
RDS(ON)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 10 A
VGS = 6 V, ID = 9 A
0.015
0.018
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
IS
Maximum Continuous Drain-Source Diode Forward Current
48
A
VSD
Drain-Source Diode Forward
Voltage
VGS = 0 V, IS = 2.4 A
1.2
V
Notes:
1. RθJA is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is defined as the drain tab.
RθJC is guaranteed by design while RθCAis determined by the user's board design.
Scale 1 : 1 on letter size paper
2. Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2.0%
a) RθJA= 45
oC/W when mounted on
a 1 in2 pad of 2oz copper.
b) RθJA= 96
oC/W when mounted on
a 0.076 in2 pad of 2oz copper.


同様の部品番号 - FDD5670

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
FDD5670 VBSEMI-FDD5670 Datasheet
991Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Fairchild Semiconductor
FDD5670 FAIRCHILD-FDD5670 Datasheet
144Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
logo
Inchange Semiconductor ...
FDD5670 ISC-FDD5670 Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD5670 FAIRCHILD-FDD5670_11 Datasheet
144Kb / 5P
   60V N-Channel PowerTrench짰 MOSFET
More results

同様の説明 - FDD5670

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDC5612 FAIRCHILD-FDC5612 Datasheet
244Kb / 8P
   60V N-Channel PowerTrenchTM MOSFET
FDP5690 FAIRCHILD-FDP5690 Datasheet
391Kb / 16P
   60V N-Channel PowerTrenchTM MOSFET
FDD6030BL FAIRCHILD-FDD6030BL Datasheet
107Kb / 5P
   N-Channel PowerTrenchTM MOSFET
FDS3580 FAIRCHILD-FDS3580 Datasheet
201Kb / 8P
   80V N-Channel PowerTrenchTM MOSFET
FDP6035AL FAIRCHILD-FDP6035AL Datasheet
93Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDN359AN FAIRCHILD-FDN359AN Datasheet
264Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP6670AL FAIRCHILD-FDP6670AL Datasheet
413Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDP7030BL FAIRCHILD-FDP7030BL Datasheet
112Kb / 5P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDS6630A FAIRCHILD-FDS6630A Datasheet
197Kb / 8P
   N-Channel Logic Level PowerTrenchTM MOSFET
FDD6690A FAIRCHILD-FDD6690A Datasheet
61Kb / 5P
   N-Channel, Logic Level, PowerTrenchTM MOSFET
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com