データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

UC1845AMDREP データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 UC1845AMDREP
部品情報  CURRENT-MODE PWM CONTROLLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

UC1845AMDREP データシート(HTML) 1 Page - Texas Instruments

  UC1845AMDREP Datasheet HTML 1Page - Texas Instruments UC1845AMDREP Datasheet HTML 2Page - Texas Instruments UC1845AMDREP Datasheet HTML 3Page - Texas Instruments UC1845AMDREP Datasheet HTML 4Page - Texas Instruments UC1845AMDREP Datasheet HTML 5Page - Texas Instruments UC1845AMDREP Datasheet HTML 6Page - Texas Instruments UC1845AMDREP Datasheet HTML 7Page - Texas Instruments UC1845AMDREP Datasheet HTML 8Page - Texas Instruments UC1845AMDREP Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 94083
For technical questions, contact: diodestech@vishay.com
www.vishay.com
Revision: 08-Apr-10
1
Ultrafast Rectifier, 2 x 10 A FRED Pt®
VS-MURB2020CTPbF, VS-MURB2020CT-1PbF
Vishay High Power Products
FEATURES
• Ultrafast recovery time
• Low forward voltage drop
• Low leakage current
• 175 °C operating junction temperature
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Halogen-free according to IEC 61249-2-21
definition
• Compliant to RoHS directive 2002/95/EC
• AEC-Q101 qualified
DESCRIPTION/APPLICATIONS
MUR.. series are the state of the art ultrafast recovery
rectifiers specifically designed with optimized performance
of forward voltage drop and ultrafast recovery time.
The planar structure and the platinum doped life time
control,
guarantee
the
best
overall
performance,
ruggedness and reliability characteristics.
These devices are intended for use in the output rectification
stage of SMPS, UPS, dc-to-dc converters as well as
freewheeling diode in low voltage inverters and chopper
motor drives.
Their extremely optimized stored charge and low recovery
current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
PRODUCT SUMMARY
trr
25 ns
IF(AV)
2 x 10 A
VR
200 V
V
S-MURB2020CTPbF
D2PAK
V
S-MURB2020CT-1PbF
TO-262
Anode
Base
common
cathode
2
Anode
1
3
2
Common
cathode
1
2
Anode
Base
common
cathode
2
Anode
1
3
2
Common
cathode
2
1
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
MAX.
UNITS
Peak repetitive reverse voltage
VRRM
200
V
Average rectified forward current
per leg
IF(AV)
10
A
total device
Rated VR, TC = 145 °C
20
Non-repetitive peak surge current per leg
IFSM
100
Peak repetitive forward current per leg
IFM
Rated VR, square wave, 20 kHz, TC = 145 °C
20
Operating junction and storage temperatures
TJ, TStg
- 65 to 175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 μA
200
-
-
V
Forward voltage
VF
IF = 8 A, TJ = 125 °C
-
-
0.85
IF = 16 A
-
-
1.15
IF = 16 A, TJ = 125 °C
-
-
1.05
Reverse leakage current
IR
VR = VR rated
-
-
15
μA
TJ = 150 °C, VR = VR rated
-
-
250
Junction capacitance
CT
VR = 200 V
-
55
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
8.0
-
nH


同様の部品番号 - UC1845AMDREP

メーカー部品番号データシート部品情報
logo
Texas Instruments
UC1845AMDREP TI-UC1845AMDREP Datasheet
425Kb / 11P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
More results

同様の説明 - UC1845AMDREP

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
UC3842 PHILIPS-UC3842 Datasheet
74Kb / 8P
   Current-mode PWM controller
August 31, 1994
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com